Electronic Components Datasheet Search
  English  ▼

X  

LMX2325TM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2325TM
Description  Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2325TM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2325TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2325TM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Typical Performance Characteristics (Continued)
LMX232025 Input Sensitivity at
Temperature Variation VCC e 3V
TLW12339 – 12
LMX232025 Input Sensitivity at
Temperature Variation VCC e 5V
TLW12339 – 13
LMX2315 Input Sensitivity at
Temperature Variation VCC e 5V
TLW12339 – 43
LMX2315 Input Sensitivity at
Temperature Variation VCC e 3V
TLW12339 – 44
LMX2315 Input Impedance vs Frequency
VCC e 27V to 55V fIN e 100 MHz to 1600 MHz
TLW12339 – 45
Marker 1 e 500 MHz Real e 69 Imag eb330
Marker 2 e 900 MHz Real e 36 Imag eb193
Marker 3 e 1 GHz Real e 35 Imag eb172
Marker 4 e 1500 MHz Real e 30 Imag eb106
LMX232025 Input Impedance vs Frequency
VCC e 27V to 55V fIN e 500 MHz to 3000 MHz
TLW12339 – 15
1 e 15 GHz Real e 48 Im eb128
2 e 18 GHz Real e 44 Im eb102
3 e 20 GHz Real e 42 Im eb90
4 e 25 GHz Real e 36 Im eb72
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com