Electronic Components Datasheet Search
  English  ▼

X  

LMX2326TM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2326TM
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2326TM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2326TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2326TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Continued)
V
CC = 3.0V, Vp = 3.0V; −40˚C < TA < 85˚C except as specified
Symbol
Parameter
Conditions
Values
Units
Min
Typ
Max
ICP
o vs VDo
CP Current vs Voltage
0.5
≤ V
CPo ≤ Vp − 0.5
5
%
T
A = 25˚C
ICP
o vs T
CP Current vs Temperature
V
CPo =Vp/2
5
%
−40˚C < T
A < 85˚C
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC − 0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
t
CS
Data to Clock Set Up Time
See Data Input Timing
50
ns
t
CH
Data to Clock Hold Time
See Data Input Timing
10
ns
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Load Enable Set Up Time
See Data Input Timing
50
ns
t
EW
Load Enable Pulse Width
See Data Input Timing
50
ns
Note 3: See PROGRAMMABLE MODES for ICPo description
Note 4: Except fIN and OSCIN.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com