Electronic Components Datasheet Search
  English  ▼

X  

LMX2330L Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2330L
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330L Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMX2330L Datasheet HTML 13Page - National Semiconductor (TI) LMX2330L Datasheet HTML 14Page - National Semiconductor (TI) LMX2330L Datasheet HTML 15Page - National Semiconductor (TI) LMX2330L Datasheet HTML 16Page - National Semiconductor (TI) LMX2330L Datasheet HTML 17Page - National Semiconductor (TI) LMX2330L Datasheet HTML 18Page - National Semiconductor (TI) LMX2330L Datasheet HTML 19Page - National Semiconductor (TI) LMX2330L Datasheet HTML 20Page - National Semiconductor (TI) LMX2330L Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Application Information (Continued)
between 1X and 4X values. This is accomplished by increas-
ing the charge pump output current from 1 mA in the stan-
dard mode to 4 mA in Fastlock.
FASTLOCK CIRCUIT IMPLEMENTATION
A diagram of the Fastlock scheme as implemented in Na-
tional Semiconductors LMX233XL PLL is shown in
Figure 5.
When a new frequency is loaded, and the RF Icp
o bit is set
high the charge pump circuit receives an input to deliver 4
times the normal current per unit phase error while an open
drain NMOS on chip device switches in a second R2 resistor
element to ground. The user calculates the loop filter compo-
nent values for the normal steady state considerations. The
device configuration ensures that as long as a second iden-
tical damping resistor is wired in appropriately, the loop will
lock faster without any additional stability considerations to
account for. Once locked on the correct frequency, the user
can return the PLL to standard low noise operation by send-
ing a MICROWIRE instruction with the RF Icp
o bit set low.
This transition does not affect the charge on the loop filter
capacitors and is enacted synchronous with the charge
pump output. This creates a nearly seamless change be-
tween Fastlock and standard mode.
DS012806-17
FIGURE 4. Open Loop Response Bode Plot
DS012806-18
FIGURE 5. Fastlock PLL Architecture
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com