Electronic Components Datasheet Search
  English  ▼

X  

NLAS324 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS324
Description  Dual SPST Analog Switch, Low Voltage, Single Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS324 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS324 Datasheet HTML 1Page - ON Semiconductor NLAS324 Datasheet HTML 2Page - ON Semiconductor NLAS324 Datasheet HTML 3Page - ON Semiconductor NLAS324 Datasheet HTML 4Page - ON Semiconductor NLAS324 Datasheet HTML 5Page - ON Semiconductor NLAS324 Datasheet HTML 6Page - ON Semiconductor NLAS324 Datasheet HTML 7Page - ON Semiconductor NLAS324 Datasheet HTML 8Page - ON Semiconductor NLAS324 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NLAS324
http://onsemi.com
4
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
VCC
Limit
Symbol
Parameter
Condition
V
25
°C
Unit
BW
Maximum On-Channel -3dB Bandwidth
VIS = 0 dBm
3.0
190
MHz
BW
Maximum On Channel 3dB Bandwidth
or Minimum Frequency Response
VIS = 0 dBm
VIS centered between VCC and GND
3.0
4.5
190
200
MHz
or Minimum Frequency Res onse
VIS centered between VCC and GND
(Figures 6 and 14)
4.5
5.5
200
220
VONL
Maximum Feedthrough On Loss
VIS = 0 dBm @ 10 kHz
3.0
-2
dB
VONL
Maximum Feedthrough On Loss
VIS = 0 dBm @ 10 kHz
VIS centered between VCC and GND
3.0
4.5
2
-2
dB
VIS centered between VCC and GND
(Figure 6)
4.5
5.5
2
-2
VISO
Off-Channel Isolation
f = 100 kHz; VIS = 1 V RMS
3.0
-93
dB
VISO
Off Channel Isolation
f = 100 kHz VIS = 1 V RMS
VIS centered between VCC and GND
3.0
4.5
93
dB
VIS centered between VCC and GND
(Figures 6 and 15)
4.5
5.5
Q
Charge Injection
VIS = VCC to GND, FIS = 20 kHz
3.0
1.5
Q
Charge Injection
Enable Input to Common I/O
VIS = VCC to GND, FIS = 20 kHz
tr = tf = 3 ns
3.0
5.5
1.5
3.0
pC
Enable In ut to Common I/O
tr
tf
3 ns
RIS = 0 W, CL = 1000 pF
QC *
∆V
5.5
3.0
C
IS
L
Q = CL * ∆VOUT
(Figures 7 and 16)
(Figures 7 and 16)
THD
Total Harmonic Distortion
FIS = 20 Hz to 1 MHz, RL = Rgen = 600 W, CL = 50 pF
3.3
0.3
%
THD
Total Harmonic Distortion
THD + Noise
FIS = 20 Hz to 1 MHz, RL = Rgen = 600 W, CL = 50 F
VIS = 3.0 VPP sine wave
3.3
5.5
0.3
0.15
%
THD + Noise
VIS
3.0 VPP sine wave
VIS = 5.0 VPP sine wave
(Fi
17)
5.5
0.15
IS
PP
(Figure 17)
-55
1.00E+03
5
1.00E-01
-15
-35
1.00E-04
Figure 3. Switch Leakage vs. Temperature
1.00E+05
INO(OFF)
TEMPERATURE (
°C)
1.00E-03
1.00E-02
1.00E+00
1.00E+02
1.00E+04
25
45
1.00E-05
1.00E-06
1.00E-07
1.00E+01
65
85
105 125 145
ICOM(ON)
ICOM(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com