Electronic Components Datasheet Search
  English  ▼

X  

NTP27N06 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP27N06
Description  Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP27N06 Datasheet(HTML) 2 Page - ON Semiconductor

  NTP27N06 Datasheet HTML 1Page - ON Semiconductor NTP27N06 Datasheet HTML 2Page - ON Semiconductor NTP27N06 Datasheet HTML 3Page - ON Semiconductor NTP27N06 Datasheet HTML 4Page - ON Semiconductor NTP27N06 Datasheet HTML 5Page - ON Semiconductor NTP27N06 Datasheet HTML 6Page - ON Semiconductor NTP27N06 Datasheet HTML 7Page - ON Semiconductor NTP27N06 Datasheet HTML 8Page - ON Semiconductor NTP27N06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NTP27N06, NTB27N06
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage (Note 1.)
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
–
70
79.4
–
–
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
–
–
–
–
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
–
–
±100
nAdc
ON CHARACTERISTICS (Note 1.)
Gate Threshold Voltage (Note 1.)
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
–
2.8
6.9
4.0
–
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (Note 1.)
(VGS = 10 Vdc, ID = 13.5 Adc)
RDS(on)
–
37.5
46
m
W
Static Drain–to–Source On–Resistance (Note 1.)
(VGS = 10 Vdc, ID = 27 Adc)
(VGS = 10 Vdc, ID = 13.5 Adc, TJ = 150°C)
VDS(on)
–
–
1.05
2.12
1.5
–
Vdc
Forward Transconductance (Note 1.) (VDS = 7.0 Vdc, ID = 6.0 Adc)
gFS
–
13.2
–
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0 Vd
Ciss
–
725
1015
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
–
213
300
Transfer Capacitance
f = 1.0 MHz)
Crss
–
58
120
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
td(on)
–
13.6
30
ns
Rise Time
(VDD = 30 Vdc, ID = 27 Adc,
VGS =10Vdc
tr
–
62.7
125
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω) (Note 1.)
td(off)
–
26.6
60
Fall Time
RG 9.1 Ω) (Note 1.)
tf
–
70.4
140
Gate Charge
(V
48 Vd
I
27 Ad
QT
–
21.2
30
nC
(VDS = 48 Vdc, ID = 27 Adc,
VGS = 10 Vdc) (Note 1.)
Q1
–
5.6
–
VGS = 10 Vdc) (Note 1.)
Q2
–
7.3
–
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 27 Adc, VGS = 0 Vdc) (Note 1.)
(IS = 27 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
–
–
1.05
0.93
1.25
–
Vdc
Reverse Recovery Time
(I
27 Ad
V
0 Vd
trr
–
42
–
ns
(IS = 27 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs) (Note 1.)
ta
–
26
–
dIS/dt = 100 A/µs) (Note 1.)
tb
–
16
–
Reverse Recovery Stored Charge
QRR
–
0.07
–
µc
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com