Electronic Components Datasheet Search
  English  ▼

X  

PCA9513D Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # PCA9513D
Description  Hot swappable IC and SMBus bus buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCA9513D Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button PCA9513D Datasheet HTML 8Page - Integrated Circuit Systems PCA9513D Datasheet HTML 9Page - Integrated Circuit Systems PCA9513D Datasheet HTML 10Page - Integrated Circuit Systems PCA9513D Datasheet HTML 11Page - Integrated Circuit Systems PCA9513D Datasheet HTML 12Page - Integrated Circuit Systems PCA9513D Datasheet HTML 13Page - Integrated Circuit Systems PCA9513D Datasheet HTML 14Page - Integrated Circuit Systems PCA9513D Datasheet HTML 15Page - Integrated Circuit Systems PCA9513D Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Philips Semiconductors
Product data sheet
PCA9513; PCA9514
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
12
ELECTRICAL CHARACTERISTICS
VCC = 2.7 V to 5.5 V; Tamb = –40 to +85 °C unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power supply
VCC
Supply voltage
Note 1
2.7
—
5.5
V
ICC
Supply current
VCC = 5.5 V;
VSDAIN = VSCLIN = 0 V; Note 1
—
2.8
6
mA
ICC(sd)
Supply current in shut-down mode
VENABLE = 0 V, all other pins at
VCC or GND
—
200
—
µA
Start-up circuitry
VEN
Enable threshold voltage
—
0.5
× VCC 0.7 × VCC
V
VDIS
Disable threshold voltage
0.3
× VCC
0.5
× VCC
—
V
IEN
Enable input current
Enable from 0 V to VCC
—
± 0.1
± 1
µA
tEN
Enable delay or initialization time
—
130
—
µs
tIDLE
Bus idle time
Note 1
50
140
250
µs
tDIS
Disable time, ENABLE to Ready
—
15
—
ns
tSTOP
SDAIN to READY delay after STOP
Note 7
—
1.3
—
µs
tREADY
SCLOUT/SDAOUT to READY
Note 7
—
1.2
—
µs
IOFF
Ready off state leakage current
VEN = VCC
—
± 0.3
—
µA
Ci
ENABLE capacitance
VI = VCC or GND; Note 4
—
2
—
pF
CO
Ready capacitance
VI = VCC or GND; Note 4
—
2
—
pF
VOL(READY)
LOW-level output voltage on
READY pin
Ipull-up = 3 mA; VEN = VCC;
Note 1.
—
—
0.4
V
Rise time accelerators
IPULLUPAC
Transient boosted pull-up current
Positive transition on SDA, SCL,
VCC = 2.7 V;
Slew rate = 1.25 V/
µs; Note 2
1
2
—
mA
Input–output connection
VOS
Input–output offset voltage
10 k
Ω to VCC on SDA, SCL;
VCC = 3.3 V; Note 1; Note 3.
0
65
150
mV
fSCL_SDA
operating frequency
0
—
400
kHz
tPLH
SCL to SCL and SDA to SDA
10 k
Ω to VCC;
CL = 100 pF each side
—
20
—
ns
tPHL
SCL to SCL and SDA to SDA
10 k
Ω to VCC;
CL = 100 pF each side
—
380
—
ns
CIN
Digital input capacitance
Note 4
—
—
10
pF
VOL
LOW-level output voltage
Input = 0 V;
SDA, SCL pins, ISINK = 3 mA;
VCC = 2.7 V; Note 1
0
—
0.4
V
IPULLUP
SDAIN/SCLIN pull-up current
VENABLE = VCC; Note 6
65
100
125
µA
ILI
Input leakage current
SDA, SCL pins = VCC = 5.5 V
—
—
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com