Electronic Components Datasheet Search
  English  ▼

X  

B705 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # B705
Description  XDSL SPLITTER FILTER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B705 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  B705 Datasheet HTML 1Page - Pulse A Technitrol Company B705 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.pulseeng.com
1
B705.B (3/10)
ISDN CO splitter for standard ADSL / VDSL2 applications
LPF compliant with ETSI specification TS 101-952-1-3,
v1.1.1 for both 2B1Q and 4B3T applications
Part of a standard series which has footprint compatibility
For ADSL, ADSL2+, VDSL and VDSL2 applications
RoHS-6 compatible
Patented technology: US7598837, US7598839,
CN1667763, EP1644943, TWI316724, CA2531599
B8842NL
Mechanical
Electrical Specifications @ 25°C
PARAMETER
FREQUENCY
ISDN Impedance
1 kHz to 80 kHz
135
 & 150 
ISDN Insertion Loss 2B1Q
1 kHz to 40 kHz
0.8 dB MAX
40 kHz to 80 kHz
2.0 dB MAX
ISDN Return Loss 2B1Q
1 kHz to 40 kHz
16 dB MIN
40 kHz to 80 kHz
14 dB MIN
ISDN Insertion Loss 4B3T
1 kHz to 60 kHz
0.8 dB MAX
60 kHz to 80 kHz
2.0 dB MAX
ISDN Return Loss 4B3T
1 kHz to 60 kHz
16 dB MIN
60 kHz to 60 kHz
14 dB MIN
Longitudinal Balance
30 kHz to 85 kHz
46 dB MIN
120 kHz to 1.1 MHz
46 dB MIN
1.1 MHz to 30 MHz
45 dB MIN
xDSL Insertion Loss
150 kHz to 1.1 MHz
65 dB MIN
1.1 MHz to 30 MHz
55 dB MIN
DC Current
60 mA MAX
Total DC Resistance
4.8
 MAX
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
Dimensions:
Inches
mm
Unless otherwise specified, all
tolerances are ± .010
0,25
Weight . . . . . . . . . 8.0 grams
Tray. . . . . . . . . . . . . . . 80/tray
XDSL SPLITTER FILTER MODULE
B8842NL
SmartER Series


Similar Part No. - B705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7051G86AW12-HE ETC2-B7051G86AW12-HE Datasheet
1Mb / 2P
1U Storage Server Platform for HDFS Deployment
B7055F48V8HR ETC2-B7055F48V8HR Datasheet
879Kb / 2P
DUAL-SOCKET 4GPGPU PLATFORM
B7055F48V8HR-2T(BTO) ETC2-B7055F48V8HR-2T(BTO) Datasheet
879Kb / 2P
DUAL-SOCKET 4GPGPU PLATFORM
B7055F48V8HR-N129(BTO) ETC2-B7055F48V8HR-N129(BTO) Datasheet
879Kb / 2P
DUAL-SOCKET 4GPGPU PLATFORM
B7055F48V8HR-N429(BTO) ETC2-B7055F48V8HR-N429(BTO) Datasheet
879Kb / 2P
DUAL-SOCKET 4GPGPU PLATFORM
More results

Similar Description - B705

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8849NL PULSE-B8849NL Datasheet
75Kb / 1P
XDSL SPLITTER FILTER MODULE
B8049E PULSE-B8049E Datasheet
130Kb / 1P
XDSL SPLITTER FILTER MODULE
BX8214V PULSE-BX8214V Datasheet
125Kb / 1P
XDSL SPLITTER FILTER MODULE
B600 PULSE-B600 Datasheet
625Kb / 1P
XDSL SPLITTER FILTER MODULE
B701 PULSE-B701 Datasheet
165Kb / 2P
XDSL SPLITTER FILTER MODULE
B708 PULSE-B708 Datasheet
270Kb / 2P
XDSL Splitter filter module
B709 PULSE-B709 Datasheet
319Kb / 2P
XDSL SPLITTER FILTER MODULE
B710 PULSE-B710 Datasheet
530Kb / 2P
XDSL SPLITTER FILTER MODULE
B898 PULSE-B898 Datasheet
172Kb / 2P
XDSL SPLITTER FILTER MODULE
B899 PULSE-B899 Datasheet
86Kb / 2P
XDSL SPLITTER FILTER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com