Electronic Components Datasheet Search
  English  ▼

X  

PCI7611 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI7611
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7611 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI7611 Datasheet HTML 23Page - Texas Instruments PCI7611 Datasheet HTML 24Page - Texas Instruments PCI7611 Datasheet HTML 25Page - Texas Instruments PCI7611 Datasheet HTML 26Page - Texas Instruments PCI7611 Datasheet HTML 27Page - Texas Instruments PCI7611 Datasheet HTML 28Page - Texas Instruments PCI7611 Datasheet HTML 29Page - Texas Instruments PCI7611 Datasheet HTML 30Page - Texas Instruments PCI7611 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 298 page
background image
2−1
2 Terminal Descriptions
The PCI7x21/PCI7x11 controller is available in the 288-terminal MicroStar BGA
 package (GHK) or the 288-terminal
lead-free (Pb, atomic number 82) MicroStar BGA
 package (ZHK). Figure 2−1 is a pin diagram of the PCI7621
package. Figure 2−2 is a pin diagram of the PCI7421 package. Figure 2−3 is a pin diagram of the PCI7611 package.
Figure 2−4 is a pin diagram of the PCI7411 package.
W
P
D
A
R
T
U
V
M
N
K
L
H
J
F
G
E
B
C
19
15
10
5
1
14
13
12
11
16
9
8
7
6
4
3
2
17
18
A_CINT//
A_READY
(IREQ)
A_CAD25
//A_A1
VCCA
A_CAD21
//A_A5
A_CAD19
//A_A25
A_CC/BE2
//A_A12
A_CDEVSEL
//A_A21
A_CPAR
//A_A13
VCCA
A_CAD11
//A_OE
A_CAD8
//A_D15
A_RSVD
//A_D14
A_CAD3
//A_D5
A_CAD0
//A_D3
B_CAD30
//B_D9
B_CAD27
//B_D0
B_CSTSCHG
//B_BVD1
(STSCHG/RI)
A_CAUDIO
//A_BVD2
(SPKR)
A_CSERR
//A_WAIT
A_CAD26
//A_A0
A_CC/BE3
//A_REG
A_CAD22
//A_A4
A_CAD20
//A_A6
A_CAD17
//A_A24
A_CCLK
//A_A16
A_CBLOCK
//A_A19
A_CAD16
//A_A17
A_CAD12
//A_A11
A_CC/BE0
//A_CE1
A_CAD6
//A_D13
A_CAD4
//A_D12
A_CCD1
//A_CD1
B_CAD28
//B_D8
B_CCLKRUN
//B_WP
(IOIS16)
B_CSERR
//B_WAIT
B_CINT
//B_READY
(IREQ)
A_CCD2
//A_CD2
A_CCLKRUN
//A_WP
(IOIS16)
A_CSTSCHG
//A_BVD1
(STSCHG/RI)
A_CVS1
//A_VS1
A_CAD23
//A_A3
A_CRST
//A_RESET
A_CAD18
//A_A7
A_CTRDY
//A_A22
A_CPERR
//A_A14
A_CC/BE1
//A_A8
A_CAD13
//A_IORD
A_CAD9
//A_A10
A_CAD5
//A_D6
A_CAD2
//A_D11
B_RSVD
//B_D2
B_CCD2
//B_CD2
B_CAUDIO
//B_BVD2
(SPKR)
B_CVS1
//B_VS1
B_CAD24
//B_A2
A_CAD30
//A_D9
A_CAD29
//A_D1
A_CAD28
//A_D8
B_CAD25
//B_A1
B_CC/BE3
//B_REG
VCCB
B_USB_EN
A_CAD31
//A_D10
A_CAD27
//A_D0
A_CAD24
//A_A2
A_CVS2
//A_VS2
A_CFRAME
//A_A23
A_CGNT
//A_WE
A_RSVD
//A_A18
A_CAD10
//A_CE2
A_CAD7
//A_D7
B_CAD31
//B_D10
B_CAD29
//B_D1
B_CREQ
//B_INPACK
B_CAD22
//B_A4
B_CRST
//B_RESET
MS_BS//
SD_CMD
//SM_WE
A_RSVD
//A_D2
A_CREQ
//A_INPACK
A_CIRDY
//A_A15
A_CAD14
//A_A9
A_CAD1
//A_D4
B_CAD26
//B_A0
B_CAD23
//B_A3
B_CAD20
//B_A6
B_CVS2
//B_VS2
B_CAD18
//B_A7
MS_DATA1
//SD_DAT1
//SM_D1
MS_CLK//
SD_CLK//
SM_EL_WP
VCC
VCC
A_CSTOP
//A_A20
A_CAD15
//A_IOWR
VCC
VCC
VCC
B_CAD21
//B_A5
B_CC/BE2
//B_A12
B_CFRAME
//B_A23
B_CIRDY
//B_A15
SD_CLK//
SM_RE//
SC_GPIO1
SD_CMD//
SM_ALE//
SC_GPIO2
SM_R/B//
SC_RFU
GND
GND
VCC
GND
VCC
B_CTRDY
//B_A22
B_CAD19
//B_A25
B_CAD17
//B_A24
B_CCLK
//B_A16
B_CDEVSEL
//B_A21
B_CGNT
//B_WE
SD_DAT2
//SM_D6//
SC_GPIO4
SD_WP//
SM_CE
SC_RST
SM_PHYS
_WP//
SC_FCB
VCC
GND
GND
GND
GND
B_CPERR
//B_A14
B_CSTOP
//B_A20
B_CBLOCK
//B_A19
B_CPAR
//B_A13
VR_
PORT
SC_VCC
_5V
SC_CLK
VR_
PORT
SCL
VCC
GND
GND
GND
VCC
B_CAD15
//B_IOWR
B_CAD14
//B_A9
B_RSVD
//B_A18
B_CC/BE1
//B_A8
B_CAD16
//B_A17
VCCB
VR_EN
CLK_48
SDA
CLOCK
MFUNC1
SPKROUT
GND
GND
GND
GND
GND
B_CAD7
//B_D7
B_CAD10
//B_CE2
B_CAD13
//B_IORD
B_CAD12
//B_A11
B_CAD11
//B_OE
DATA
LATCH MFUNC0
MFUNC5
VCC
GND
NC
AGND
VCC
TEST0
VCC
B_CAD4
//B_D12
B_CAD3
//B_D5
B_CC/BE0
//B_CE1
B_CAD9
//B_A10
B_CAD8
//B_D15
MFUNC2
MFUNC4
MFUNC3
GRST
AD17
VCC
PAR
AD12
AD2
PC0
(TEST1)
SC_CD
B_CCD1
//B_CD1
B_CAD6
//B_D13
B_CAD5
//B_D6
B_RSVD
//B_D14
MFUNC6 SUSPEND
PRST
AD30
AD26
C/BE1
CPS
SC_OC
RSVD
B_CAD0
//B_D3
B_CAD2
//B_D11
B_CAD1
//B_D4
PCLK
GNT
RI_OUT
//PME
AD21
C/BE2
DEVSEL
AD11
AD6
AD1
AVDD
AGND
SC_
PWR_
CTRL
PHY_
TEST_
MA
CNA
REQ
AD31
AD27
VSSPLL
XI
XO
AD29
AD28
AD24
AD22
AD18
IRDY
PERR
AD14
VDPLL_
33
C/BE0
AD3
PC1
(TEST2)
VSSPLL
TPBIAS0
AVDD
SC_
DATA
VDPLL_
15
VCCP
AD25
IDSEL
AD20
AD16
TRDY
SERR
AD13
AD10
AD8
AD4
PC2
(TEST3)
TPB0P
TPA0P
R1
TPB1P
AVDD
TPA1P
TPBIAS1
C/BE3
AD23
AD19
FRAME
STOP
AD15
VCCP
AD9
AD7
AD5
AD0
TPB0N
TPA0N
R0
TPB1N
AGND
TPA1N
MC_PWR
_CTRL_0
MS_SDIO
(DATA0)//
SD_DAT0//
SM_D0
SM_CLE//
SC_GPIO0
A_USB_EN
MC_PWR
_CTRL_1
MS_DATA2
//SD_DAT2
//SM_D2
SD_DAT0//
SM_D4//
SC_GPIO6
MS_DATA3//
SD_DAT3
//SM_D3
SD_DAT3
//SM_D7//
SC_GPIO3
SD_DAT1//
SM_D5//
SC_GPIO5
SD_CD
MS_CD SM_CD
Figure 2−1. PCI7621 GHK/ZHK-Package Terminal Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com