Electronic Components Datasheet Search
  English  ▼

X  

B710 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # B710
Description  XDSL SPLITTER FILTER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B710 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  B710 Datasheet HTML 1Page - Pulse A Technitrol Company B710 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B710.A (6/12)
1
pulseelectronics.com
XDSL SPLITTER FILTER MODULE
BX8841NL - SmartER series - Extended Temperature
Pulse Jack
E l e c t r o n i c s
Electrical Specifications @ 25°C Operational Temperature -40°C to +85°C
PARAMETER
FREQUENCY
POTS Impedance
200 Hz to 4 kHz
600
Ω
POTS Insertion Loss
@ 1 kHz
0.3 dB MAX
POTS Insertion Loss Distortion
200 Hz to 4 kHz
0.3 dB MAX
POTS Return Loss
300 Hz to 500 Hz / 2.0 kHz to 3.4 kHz
14 dB MIN
500 Hz to 2.0 kHz
18 dB MIN
Metering Pulse insertion loss
12KHz and 16KHz
3dB MAX
Group Delay
200 Hz to 3.4 kHz
150uS MAX (Typical 65uS)
Longitudinal Balance
50 Hz to 600 Hz / 3.4 kHz to 30 kHz
40 dB MIN
600 Hz to 3.4 kHz /30 kHz to 1.1 MHz
46 dB MIN
1.1 MHz to 30 MHz
30 dB MIN
xDSL Isolation
30 kHz to 30 MHz
55 dB MIN
xDSL Insertion Loss
32 kHz to 50 kHz
3.0 dB MAX
50 kHz to 30 MHz
1.0 dB MAX
Intermodulation Distortion Attenuation
Second order / Third order
57 dB MIN / 60 dB MIN
Tip to Ring Capacitance
20 nF MIN 115 nF MAX
Tip to Ring Insulation Resistance
(measured with 250V DC)
5 M
Ω MIN
DC Current
100 mA MAX
Total DC Resistance
25
Ω MAX
Mechanical
BX8841NL
POTS CO splitter for ETSI-B 600Ω ADSL to VDSL2 applications
POTS CO splitter for China YD/T 1187-2006 ADSL2+ 600Ω
LPF matched to 600Ω impedance
Metering Pulse 12 kHz to 16 kHz
Part of a standard series which has footprint compatibility
Compliant with Broadband Forum TR-127 standard for VDSL2 applications
Patented technology US7598837, US7598839, CN1667763, EP1644943,
TWI316724, CA2531599
(COUNTRY OF ORIGIN)
(DATE CODE)
.512 ± .008
13,00 ± 0,20
.138 ± .008
3,50 ± 0,20
.039 ± .008
1,00 ± 0,20
.433
SUGGESTED BOARD LAYOUT
11,00
.681
17,30
MAX
.453
15,50
MAX
.024
0,60 SQ.
.433
11,00
.472
12,00
.472
12,00
Dimensions: Inches
mm
Unless otherwise specified, all
tolerances are ± .010
0,25
Weight . . . . . . . . . . . . . . . . . . . 5.5 grams
Tray .......................80/tray


Similar Part No. - B710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7100 ETC1-B7100 Datasheet
200Kb / 2P
THE Bayfront series features a sturdy aluminum housing for greater durability and a diffusd lens to maximize output uniformity.
More results

Similar Description - B710

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8849NL PULSE-B8849NL Datasheet
75Kb / 1P
XDSL SPLITTER FILTER MODULE
B8049E PULSE-B8049E Datasheet
130Kb / 1P
XDSL SPLITTER FILTER MODULE
BX8214V PULSE-BX8214V Datasheet
125Kb / 1P
XDSL SPLITTER FILTER MODULE
B600 PULSE-B600 Datasheet
625Kb / 1P
XDSL SPLITTER FILTER MODULE
B701 PULSE-B701 Datasheet
165Kb / 2P
XDSL SPLITTER FILTER MODULE
B705 PULSE-B705 Datasheet
278Kb / 2P
XDSL SPLITTER FILTER MODULE
B708 PULSE-B708 Datasheet
270Kb / 2P
XDSL Splitter filter module
B709 PULSE-B709 Datasheet
319Kb / 2P
XDSL SPLITTER FILTER MODULE
B898 PULSE-B898 Datasheet
172Kb / 2P
XDSL SPLITTER FILTER MODULE
B899 PULSE-B899 Datasheet
86Kb / 2P
XDSL SPLITTER FILTER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com