Electronic Components Datasheet Search
  English  ▼

X  

PCI7411 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCI7411
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7411 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI7411 Datasheet HTML 73Page - Texas Instruments PCI7411 Datasheet HTML 74Page - Texas Instruments PCI7411 Datasheet HTML 75Page - Texas Instruments PCI7411 Datasheet HTML 76Page - Texas Instruments PCI7411 Datasheet HTML 77Page - Texas Instruments PCI7411 Datasheet HTML 78Page - Texas Instruments PCI7411 Datasheet HTML 79Page - Texas Instruments PCI7411 Datasheet HTML 80Page - Texas Instruments PCI7411 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 298 page
background image
3−21
•
Ring indicate
•
PCI power management
•
Cardbus bridge power management
•
ACPI support
PCI Bus
PCI7x21/P
CI7x11
1394a
Socket
EEPROM
Power Switch
SD/MMC
PC
Card/
UltraMedia
Card
Power
Switch
PC
Card/
UltraMedia
Card
Power Switch
SD/MMC
MS/MSPRO
SM/xD
† The system connection to GRST is implementation-specific. GRST must be asserted on initial power up of the PCI7x21/PCI7x11 controller. PRST
must be asserted for subsequent warm resets.
Figure 3−13. System Diagram Implementing CardBus Device Class Power Management
3.8.1
1394 Power Management (Function 2)
The PCI7x21/PCI7x11 controller complies with PCI Bus Power Management Interface Specification. The controller
supports the D0 (uninitialized), D0 (active), D1, D2, and D3 power states as defined by the power-management
definition in the 1394 Open Host Controller Interface Specification, Appendix A.4 and PCI Bus Power Management
Specification. PME is supported to provide notification of wake events. Per Section A.4.2, the 1394 OHCI sets
PMCSR.PME_STS in the D0 state due to unmasked interrupt events. In previous OHCI implementations, unmasked
interrupt events were interpreted as (IntEvent.n && IntMask.n && IntMask.masterIntEnable), where n represents a
specific interrupt event. Based on feedback from Microsoft this implementation may cause problems with the existing
Windows power-management arcitecture as a PME and an interrupt could be simultaneously signaled on a transition
from
the
D1
to
D0
state
where
interrupts
were
enabled
to
generate
wake
events.
If
bit
10
(ignore_mstrIntEna_for_pme) in the PCI miscellaneous configuration register (OHCI offset F0h, see Section 7.23)
is set, then the PCI7x21/PCI7x11 controller implements the preferred behavior as (IntEvent.n && IntMask.n).
Otherwise, the PCI7x21/PCI7x11 controller implements the preferred behavior as (IntEvent.n && IntMask.n &&
IntMask.masterIntEnable). In addition, when the ignore_mstrIntEna_for_pme bit is set, it causes bit 26 of the OHCI
vendor ID register (OHCI offset 40h, see Section 8.15) to read 1, otherwise, bit 26 reads 0. An open drain buffer is
used for PME. If PME is enabled in the power management control/status register (PCI offset A4h, see Section 4.44),
then insertion of a PC Card causes the PCI7x21/PCI7x11 controller to assert PME, which wakes the system from a
low power state (D3, D2, or D1). The OS services PME and takes the PCI7x21/PCI7x11 controller to the D0 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com