| Electronic Components Datasheet Search |
|
ADNS-5060 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ADNS-5060 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED |
|
21 / 41 page ![]() 21 Notes on Power-up and the Serial Port The sequence in which VDD, SCLK and SDIO are set during power-up can affect the operation of the serial port. The diagram below shows what can happen shortly after Figure 25. Power-up serial port sequence This diagram shows the VDD rising to valid levels, at some point the microcontroller starts it’s program, sets the SCLK and SDIO lines to be outputs, and sets them high. Then, the microcontroller waits to ensure the ADNS-5060 has powered up and is ready to communicate. The micro- processor then tries to read from location 0x41, Status register, and is expecting a value of 0x0b010XXXXX. If it receives this value, then it knows the communication to the ADNS-5060 is operational. The problem occurs if the ADNS-5060 powers up before the microprocessor sets the SCLK and SDIO lines to be outputs and high. The ADNS-5060 sees the raising of the SCLK as a valid rising edge, and clocks in the state of the SDIO as the first bit of the address (sets either a read or a write, depending upon the state). In the case of a SDIO low, a read operation will start. When the microprocessor actually begins to send the address, the ADNS-5060 already has the first bit of an address. When the seventh bit is sent by the microprocessor, the ADNS-5060 has a valid address, and drives the SDIO line high within 250 ns (see detail “A” in Figure 18 and Figure 19). This results in a bus fight for SDIO. Since the address is wrong, the data sent back would be incorrect. In the case of a SDIO high, a write operation will start. The address and data will be out of synchronization, causing the wrong data written to the wrong address. Figure 26. Power up serial port timer sequence power-up when the microprocessor tries to read data from the serial port. Data = 0x0b010XXXXX Address = 0x41 SCLK SDIO VDD Problem Area SCLK SDIO VDD Data = 0x0b010XXXXX Address = 0x41 >tSPTT Don't Care State Solution One way to solve the problem is by waiting for the serial port timer to time out. 1. Serial Port Timer Timeout |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |