Electronic Components Datasheet Search
  English  ▼

X  

PL-2315 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL-2315
Description  USB Portable Flash Disk Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL-2315 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL-2315 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL-2315 Product Brochure
V0.2 01/02/02
1
PL-2315
USB Portable Flash Disk Controller
OVERVIEW
PL-2315 integrated circuit is a full-speed Portable USB Flash Disk Controller.
There are a hub, two
mass-storage-class devices, and a “security device” integrated into this single chip.
Up to four
state-of-the-art NAND flash memories can be interfaced as its storage media.
The required USB hub
function is embedded to achieve the most cost-effective goal for multi-device solution.
The available NAND flash memories on board can be generally used as a normal single disk, or can be
partitioned into a 1M-byte accessory disk (auxiliary mass storage device), and a main disk (primary mass
storage device).
To secure the privacy of the data, users have to pass the security check to get access to
the main disk.
Customers can pre-load the driver and the application program of the “security device” into
the accessory disk to save an extra CD-ROM or floppy so to save the cost and to provide users more
convenience.
To take advantage of Plug and Play, the mass storage device is implemented according to the USB mass
storage class.
Therefore, no extra driver is needed since the default driver is embedded within most of the
current OS.
BLACK DIAGRAM
FEATURES
• Full compliance with the Universal Serial Bus
Specification v1.1
• On chip USB transceiver and Serial Interface Engine
(SIE)
• On chip 5V-3.3V 100mA regulator for USB interface
and internal circuit
• High performance write over 600Kbyte/s and read
over 900Kbyte/s
• Capable of interfacing up to four state-of-the-art
NAND Flash Memories
• Embedded USB hub function for multi-device support
• Write/Remove protection switch is provided
• Security device included to secure the privacy of the
data (customizable)
• Auxiliary mass storage device implemented
• Mass storage class compatible, no driver needed in
MAC OS, Windows ME, 2000, NT or above
• Advanced power management mechanism.
• Package type: LQFP48pin.
5V
power
USB Host
Interface
12 MHz
Crystal
3.3V
Phase
Lock
Loop
USB Transceiver
5V–3.3V
Regulator
USB SIE
Power
Management
USB Controller
Hub
Primary
Mass
Storage
Security
Device
Aux.
Mass
Storage
NAND FLASH Memories
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail : sales@prolific.com.tw
http://www.prolific.com.tw


Similar Part No. - PL-2315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2313 ETC1-PL-2313 Datasheet
58Kb / 1P
USB TO DUAL SERIAL BRIDGE CONTROLLER
More results

Similar Description - PL-2315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
USB Flash Disk Controller
PL-2515 ETC1-PL-2515 Datasheet
31Kb / 1P
Hi-Speed USB Flash Disk Controller
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
USB Flash Disk Controller
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
USB Flash Disk Controller
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
USB Flash Disk Controller
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
USB Flash Disk Controller
I5127-L TMT-I5127-L Datasheet
98Kb / 9P
High-Speed USB Flash Disk Controller
I5128-L TMT-I5128-L Datasheet
379Kb / 9P
High-Speed USB Flash Disk Controller
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com