Electronic Components Datasheet Search
  English  ▼

X  

LMX2310 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2310
Description  PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2310 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LMX2310 Datasheet HTML 19Page - National Semiconductor (TI) LMX2310 Datasheet HTML 20Page - National Semiconductor (TI) LMX2310 Datasheet HTML 21Page - National Semiconductor (TI) LMX2310 Datasheet HTML 22Page - National Semiconductor (TI) LMX2310 Datasheet HTML 23Page - National Semiconductor (TI) LMX2310 Datasheet HTML 24Page - National Semiconductor (TI) LMX2310 Datasheet HTML 25Page - National Semiconductor (TI) LMX2310 Datasheet HTML 26Page - National Semiconductor (TI) LMX2310 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
1.0 Functional Description (Continued)
1.5 PHASE/FREQUENCY DETECTORS
The phase/frequency detector is driven from the N and R
COUNTER outputs. The maximum frequency at the phase
detector inputs is 10 MHz. The phase detector outputs con-
trol the charge pump. The polarity of the pump-up or pump-
down control signals are programmed using the PD_POL
control bit, depending on whether the RF VCO tuning char-
acteristics are positive or negative (see programming de-
scription in Section 3.2.2). The phase/frequency detector
has a detection range of −2
π to +2π.
Phase Comparator and Internal Charge Pump Characteristics
20043804
Note 13: The minimum width of the pump up and pump down current pulses occur at the CPo pin when the loop is phase-locked.
Note 14: The diagram assumes that PD_POL = 1
Note 15: fr is the phase comparator input from the R Divider
Note 16: fp is the phase comparator input from the N Divider
Note 17: CPo is charge pump output
1.6 CHARGE PUMP
The charge pumps directs charge into or out of an external
loop filter. The loop filter converts the charge into a stable
control voltage which is applied to the tuning input of a VCO.
The charge pump steers the VCO control voltage towards V
P
during pump-up events and towards GND during pump-
down events. When locked, CP
o is primarily in a TRI-STATE
condition with small corrections occurring at the phase com-
parison rate. The charge pump output current magnitude can
be selected as 1.0 mA or 4.0 mA by programming the
ICPo_4X bits. When TO_CNTR[11:0] = 1, the charge pump
output current magnitude is set to 4.0 mA. Refer to Section
3.2.3 and 3.4.2 for details on programming the charge pump
output current magnitude.
1.7 MICROWIRE SERIAL INTERFACE
The programmable register set is accessed through the
MICROWIRE serial interface. The interface is comprised of
three signal pins: CLOCK, DATA and LE (Latch Enable). The
MICROWIRE circuitry is referenced to V
µC, which allows the
circuitry to operate down to a 1.72V source. Serial data is
clocked into a 22-bit shift register from DATA on the rising
edge of CLOCK. The serial data is clocked in MSB first. The
last two bits decode the internal register address. On the
rising edge of LE, the data stored in the shift register is
loaded into one of the three latches based on the address
bits. The synthesizer can be programmed even in the power-
down state. A complete programming description is in Sec-
tion 3.0.
1.8 MULTI-FUNCTION OUTPUTS
The LMX2310/1/2/3U FoLD output pin is a multi-function
output that can be configured as an analog lock detect, a
digital lock detect, and a monitor of the output of the refer-
ence divider and the feedback divider circuits. The FoLD
output pin is referenced to the V
µC supply. The FoLD0,
FoLD1 and FoLD2 bits are used to select the desired output
function. A complete programming description of the FoLD
output pin is in Section 3.2.5.
1.8.1 Analog Lock Detect
When programmed for analog lock detect, the analog lock
detect status is available on the FoLD output pin. When the
charge pump is inactive, the lock detect output goes to a
high impedance in the open drain configuration and to a V
µC
source in a push-pull configuration. It goes low when the
charge pump is active during a comparison cycle. The ana-
log lock detect status can be programmed in either an open
drain or push-pull configuration. The push-pull output is ref-
erenced to V
µC.
1.8.2 Digital Lock Detect
When programmed for digital lock detect, the digital lock
detect status is available on the FoLD pin. The digital lock
detect filter compares the phase difference of the inputs from
the phase detector to a RC generated delay of approxi-
mately 15 ns. To enter the locked state (LD = High), the
phase error must be less than the 15 ns RC delay for 5
consecutive reference cycles. Once in lock, the RC delay is
changed to approximately 30 ns. To exit the locked state, the
phase error must be greater than the 30 ns RC delay. When
a PLL is in power-down mode, the respective lock detect
output is always low. A flow chart of the digital lock detect
filter follows:
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com