Electronic Components Datasheet Search
  English  ▼

X  

LMX2316 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2316
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2316 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2316 Datasheet HTML 5Page - National Semiconductor (TI) LMX2316 Datasheet HTML 6Page - National Semiconductor (TI) LMX2316 Datasheet HTML 7Page - National Semiconductor (TI) LMX2316 Datasheet HTML 8Page - National Semiconductor (TI) LMX2316 Datasheet HTML 9Page - National Semiconductor (TI) LMX2316 Datasheet HTML 10Page - National Semiconductor (TI) LMX2316 Datasheet HTML 11Page - National Semiconductor (TI) LMX2316 Datasheet HTML 12Page - National Semiconductor (TI) LMX2316 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1.0 Functional Description (Continued)
1.3 FUNCTION AND INITIALIZATION LATCHES
Both the function and initialization latches write to the same registers. (See Section 1.7.1 DEVICE PROGRAMMING AFTER
FIRST APPLYING V
CC section for initialization latch description.)
TABLE 1. Programmable Modes
C1
C2
F1
F2
F3–5
F6
F7
F8
0
1
COUNTER
POWER DOWN
FoLD
PD
CP
FASTLOCK
RESET
CONTROL
POLARITY
TRI-STATE
ENABLE
F9
F10
F11–14
F15–F17
F18
FAST-
TIMEOUT
TIMEOUT
TEST
POWER
LOCK
COUNTER
COUNTER
MODES
DOWN
CONTROL
ENABLE
VALUE
MODE
TABLE 2. Mode Select Truth Table
REGISTER
LEVEL
COUNTER
RESET
POWER
DOWN
PHASE
CP
TRI-STATE
DETECTOR
POLARITY
0
RESET
POWERED
NEGATIVE
NORMAL
DISABLED
UP
OPERATION
1
RESET
POWERED
POSITIVE
TRI-STATE
ENABELED
DOWN
FUNCTION DESCRIPTION
F1. The Counter Reset enable mode bit F1, when activated, allows the reset of both N and R counters. Upon powering up, the
F1 bit needs to be disabled, then the N counter resumes counting in “close” alignment with the R counter. (The maximum error
is one prescalar cycle).
F2. Refer to Section 1.3.1 POWERDOWN OPERATION section.
F3–5. Controls output of FoLD pin. See FoLD truth table. See
Table 4.
F6. Phase Detector Polarity. Depending upon VCO characteristics, F6 bit should be set accordingly. When VCO characteristics
are positive F6 should be set HIGH; When VCO characteristics are negative F6 should be set LOW
F7. Charge Pump TRI-STATE is set using bit F7. For normal operation this bit is set to zero.
F8. When the FastLock Enable bit is set the part is forced into one of the four FastLock modes. See description in
Table 5, Fast-
Lock Decoding.
F9. The FastLock Control bit determines the mode of operation when in FastLock (F8 = 1). When not in FastLock mode, FL
o
can be used as a general purpose output controlled by this bit. For F9 = 1, FL
o is HIGH and for F9 = 0, FLo is LOW. See Table
5 for truth table.
F10. Timeout Counter Enable bit is set to 1 to enable the timeout counter. See
Table 5 for truth table.
F11–14. FastLock Timeout Counter is set using bits F11-14.
Table 6 for counter values.
F15–17. Function bits F15–F17 are for Test Modes, and should be set to 0 for normal use.
F18. Refer to Section 1.3.1 POWERDOWN OPERATION section.
DS100127-7
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com