Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P484 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P484
Description  Short Maximum Propagation Delays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P484 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P484 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P484 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-M484/P484/W484 is approved by the following organizations:
IEC/EN/DIN EN 60747-5-5 (Option 060 only)
Approved with Maximum Working Insulation Voltage VIORM = 567 Vpeak for ACPL-M484, VIORM = 891 Vpeak for ACPL-P484
and VIORM = 1140 Vpeak for ACPL-W484
UL
Approval under UL 1577, component recognition program up to VISO = 3750 VRMS File E55361 for ACPL-M484 & ACPL-
P484;
Approval under UL 1577, component recognition program up to VISO = 5000 VRMS File E55361 for ACPL-W484;
CSA
Approval under CSA Component Acceptance Notice #5, File CA 88324.
Table 1. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (ACPL-M484/P484/W484 Option 060)
Description
Symbol
ACPL-M484
ACPL-P484
ACPL-W484
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I – IV
I – III
I – II
I – IV
I – III
I – II
I – IV
I – III
I – II
Climatic Classification
55/105/21
55/105/21
55/105/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
2
Maximum Working Insulation Voltage
VIORM
567
891
1140
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial discharge < 5 pC
VPR
1063
1670
2137
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec,
Partial discharge < 5 pC
VPR
907
1426
1824
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini = 60 sec)
VIOTM
6000
6000
8000
Vpeak
Safety-limiting values – maximum values allowed in
the event of a failure.
Case Temperature
Input Current
Output Power
TS
IS, INPUT
PS, OUTPUT
175
230
600
175
230
600
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109
>109
Ω
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN/
DIN EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com