Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0723 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0723
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0723 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0723 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Package Outline Drawings
HCPL-7723 8-Pin DIP Package
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXXV
YYWW
DATE CODE
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
5° TYP.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
TYPE NUMBER
*OPTION 300 AND 500 NOT MARKED.
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
OPTION 060 CODE*
3.56 ± 0.13
(0.140 ± 0.005)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com