Electronic Components Datasheet Search
  English  ▼

X  

2412BA Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # 2412BA
Description  400 Series Direct-Wire Photoelectronic Smoke Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2412BA Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  2412BA Datasheet HTML 1Page - Systemsensor advanced ideas. 2412BA Datasheet HTML 2Page - Systemsensor advanced ideas. 2412BA Datasheet HTML 3Page - Systemsensor advanced ideas. 2412BA Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
A05-194-03
Ordering Information
The MOD400R Field Sensitivity Test Module can be used with
any standard DC voltmeter or multimeter to check the
sensitivity range of System Sensor’s detectors (satisfies NFPA
72 requirement for sensitivity testing).
RA400Z Remote
Annunciator, 3 – 32V
Use with ion and photo
detectors that have remote
annunciator output
Part No.
Description
Two-Wire Models
2400
Photoelectronic detector, 2-wire, 12/24 VDC
2400A
Same as above, Canadian model
2400TH
Photoelectronic detector, 2-wire, 12/24 VDC with
built-in 135
°F fixed heat sensor
Four-Wire Models
2412B
Photoelectronic detector, 4-wire, 12 VDC, with
auxiliary contacts
2412BA
Same as above, Canadian model
2412THB
Photoelectronic detector, 4-wire, 12 VDC, with
auxiliary contacts and integral 135
°F fixed heat
sensor
2424
Photoelectronic detector, 4-wire, 24 VDC, with
auxiliary contacts
2424TH
Photoelectronic detector, 4-wire, 24 VDC, with
auxiliary contacts and integral 135
°F fixed heat
sensor
Accessories
A77-716B
End of line relay for power supervision, 12/24 VDC
RA400Z
Remote annunciator for 2 or 4 wire systems, 3-32V –
Use with ion and photo detectors. Fits standard U.S.
single gang electrical box. (See below.)
MOD400R Detector sensitivity test module – Use with most
analog or digital multimeters. Satisfies requirement
of NFPA 72 for sensitivity testing. (See below.)
RS24
Replacement insect screen for 2400, 2412B, 2424
RS24T
Replacement insect screen for 2400TH, 2412THB and
2424TH
DUST45
Replacement protective dust cover for 400 Series
System Sensor Worldwide Manufacturing & Distribution
In Canada:
Telephone: 905-812-0767
Fax: 905-812-0771
In China:
Telephone: 86-29-524-6253
Fax: 86-29-524-6259
In the Far East:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In India:
Telefax: 91-11-5676815
In Italy:
Telephone: 39-40-949011
Fax: 39-40-382137
In the United Kingdom:
Telephone: 44-1403-276500
Fax: 44-1403-276501



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com