Electronic Components Datasheet Search
  English  ▼

X  

DL50 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # DL50
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

DL50 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  DL50 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED DL50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED DL50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED DL50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Package Dimensions[2]
Device Selection Guide
Typical Viewing
Part Number
Angle 2q1/2
Dominant
Luminous Intensity
HLMP-
(Deg.)
Wavelength Range
(mcd at IF = 20 mA)[1]
DL50
15
586.5 to 590.5 nm
4200 to 7200
DL51
15
588.5 to 592.5 nm
4200 to 7200
Note:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
Note:
2. This part is only offered in a flanged package without stand-offs.
Absolute Maximum Ratings at TA = 25°C
Parameter
Value
DC Forward Current[3, 4]l
50 mA
Peak Pulsed Forward Current[3, 4]l
100 mA
Average Forward Current[4]l
30 mA
Reverse Voltage (IR = 100 µA)
5 V
LED Junction Temperature
130
°C
Operating Temperature
- 40
°C to +100°C
Storage Temperature
- 40
°C to +120°C
Notes:
3. For long term performance with minimal light output degradation, drive currents between 10 and
30 mA are recommended.
4. Please contact your sales representative about operating currents below 10 mA.
2.35
(0.093)
5.90
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70
(0.028)
1.00
(0.039)
MIN.
2.54
± 0.38
(0.100
± 0.15)
0.50
± 0.10
(0.030
± 0.004)
SQ. TYP.
CATHODE LEAD
8.71
± 0.20
(0.343
± 0.008)
1.14
± 0.20
(0.045
± 0.008)
CATHODE
MAX.
MAX.
NOTE 1
NOTE:
1. MEASURED JUST ABOVE FLANGE.
HLMP-DL50
T-13/4 (5 mm) Precision Optical Performance AlInGaP
LED Lamps for Variable Message Signs
Data Sheet


Similar Part No. - DL50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
logo
AG Electronica
DL50-1X1W-CW-ED-45 AGELECTRONICA-DL50-1X1W-CW-ED-45 Datasheet
165Kb / 1P
LAMPARA DE LED 1X1W BLANCO FRIO 127V PARA EMPOTRAR
28/MAYO/2010
logo
List of Unclassifed Man...
DL50-F0 ETC2-DL50-F0 Datasheet
92Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL50-F1 ETC2-DL50-F1 Datasheet
92Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
logo
SICK AG
DL50-N1123 SICK-DL50-N1123 Datasheet
1Mb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - DL50

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com