Electronic Components Datasheet Search
  English  ▼

X  

F110 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # F110
Description  200 Series Intelligent Low-Profile Plug-In Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

F110 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  F110 Datasheet HTML 1Page - Systemsensor advanced ideas. F110 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2012 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com
for current product information, including the latest version of this data sheet.
SPDS10601 • 8/12
Ordering Information
Part No.
Description
2251B*
Photoelectric smoke detector
2251BR*
Photoelectric smoke detector, remote test
capable, for use with DNR(W) duct smoke
detectors
2251TB*
Photoelectric smoke detector with thermal
2251TMB*
Acclimate multi-criteria smoke detector
1251B*
Ionization smoke detector
5251B*
Fixed temperature thermal detector
5251RB*
Rate-of-rise thermal detector
5251H*
High temperature thermal detector
Bases
B501*
4” Flangeless mounting base
B501BP*
4” Flangeless mounting base bulk pack
B210LP*
6” Flanged mounting base
B210LPBP*
6” Flanged mounting base bulk pack
B200SR*
Standard sounder base
(compatible with B501BH series)
B200S*
Intelligent addressable sounder base
B224RB*
Relay base
B224BI*
Isolator base
Accessories
SMB600
Surface Mounting Kit (flanged)
F110
Accessory Flange Ring for 6” Base
F110BP
Accessory Flange Ring for 6” Base Bulk Pack
F210
Accessory New Smaller Flange Ring for 6” Base
RA100Z
Remote LED annunciator
M02-04-01
Detector test magnet
M02-09-00
Telescoping test magnet
XR2B
Detector removal tool (T55-127-000 included)
XP-4
Extension for XR2B (5 to 15 ft)
T55-127-000
Detector removal head
BCK-200B
Black detector kit (10 pack)**
WCK-2008
White detector kit (10 pack)**
Accessories
200 Series Intelligent Detector Specifications
Physical/Operating Specifications
Height
2.0 inches (51 mm)
Diameter
6.1 inches (155 mm) installed in B210LP base; 4.1 inches (104 mm) installed in B501 base
Shipping Weight
Heat: 4.8 oz (136 g); Photo/Photo with Heat: 5.2 oz (147 g); Ion: 5.4 oz (153 g)
Operating Temperature Range
Ion/Photo: 32°F to 120°F (0°C to 49°C)
Photo with Thermal: 32°F to 100°F (0°C to 38°C)
Thermal: –4°F to 100°F (–20°C to 38°C)
High Temperature: –4°F to 150°F (–20°C to 66°C)
UL-Listed Velocity Range
Ion: 0 to 1,200 fpm (0 to 6.1 m/sec)
Photo/Photo with Thermal: 0 to 4,000 fpm (0 to 20 m/sec) (suitable for installation in ducts)
Operating Humidity Range
10% to 93% non-condensing
Thermal Ratings
Fixed Temperature Setpoint: 135°F (57°C)
Rate-of-Rise Detection: 15°F/min. (8.3°C/min.)
High Temperature Heat: 190°F (88°C)
Electrical Specifications
Voltage Range
15 to 32 VDC peak
Standby Current (max. avg.)
300 µA @ 24 VDC (one communication every 5 seconds with LED enabled)
Photo/Photo with Thermal: 300 µA @ 24 VDC (one communication every 5 seconds with LED enabled)
LED Current (max.)
6.5 mA @ 24 VDC (on)
RA100Z
Remote LED
Annunciator
XR2B
Detector
Removal Tool
Head also sold separately
(part no. T55-127-000)
* Add “A” for ULC listed product (e.g., 2251BA)
** The BCK-200B and WCK-200B are only applicable to the B210LP
flanged style mounting base and may only be used with 2251B
(photoelectric) and 1251B (ionization) smoke detectors.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com