Electronic Components Datasheet Search
  English  ▼

X  

SY02-PLL Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # SY02-PLL
Description  CLOCK/SYNCHRONIZER - SY02-PLL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-PLL Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  SY02-PLL Datasheet HTML 1Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 2Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 3Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 4Page - Raltron Electronics Corporation SY02-PLL Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SYNCHRONOUS EQUIPMENT
CLOCK/SYNCHRONIZER - SY02-PLL
RALTRON ELECTRONICS CORP. 10651 N.W.19
th St Florida 33172 U.S.A.
Tel: 305 593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
• PIN DESCRIPTION
Pin #
Name
Description
1
REF OUT
Reference Output -> The buffered signal from REFERENCE IN pin.
2
TCK
J-TAG port for factory usage – TCK
3
TMS
J-TAG port for factory usage – TMS
4
GND
Ground
5
FREE-RUN
Free-Run -> Control input to force unit to run as free running oscillator
6
LOR
Loss of Reference -> Output signal shows presence of the reference
7
LOL
Loss of Lock -> Output signal shows status of the PLL
8
REF IN
Reference Input -> Reference input signal
9
OUT
Oscillator Output -> Output of the module
10
OUT EN
Output Enable -> Control input to enable/disable the module output
11
Vcc
Positive supply voltage
12
TDO
J-TAG port for factory usage – TDO
13
IN-B
External Reference 1 Input -> Select input from reference 1
14
IN-A
External Reference 2 Input -> the input from reference 2
• ORDERING INFORMATION
o
Input/Output Frequencies available;
Frequency
Suffix
Frequency
Suffix
8KHz
F8
38.880MHz
O2
1.024MHz
E0
44.4343MHz
B1
1.544MHz
T1
44.7360MHz
T3
2.048MHz
E1
51.8400MHz
D1
4.096MHz
E2
61.4400MHz
U1
6.1760MHz
T2
62.5000MHz
G1
6.480MHz
D1
65.5360MHz
B2
8.192MHz
E3
77.7600MHz
O3
10.000MHz
A1
12.800MHz
S1
13.000MHz
G1
15.000MHz
A2
16.384MHz
E4
19.440MHz
O1
20.000MHz
M1
20.1416MHz
A3
20.4800MHz
A4
22.2171MHz
A5
26.0000MHz
G2
27.0000MHz
A6
29.4912MHz
A7
32.768MHz
E4
34.560MHz
A8
37.0560MHz
A9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com