Electronic Components Datasheet Search
  English  ▼

X  

VS2 Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # VS2
Description  VCXO OSCILLATOR, HCMOS, 5.0 VDC, 7x5mm Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VS2 Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  VS2 Datasheet HTML 1Page - Raltron Electronics Corporation VS2 Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCXO
Page 2 of 2
REV B.
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
Rev. X2, September 29, 2003; Approved: C. Husted
Consult the factory for any custom requirements.
$
$
$
$ MECHANICAL PARAMETERS:
123
4
5
6
.276 ±.008
7.0 ±0.2
INDICATES PIN 1.
.079 MAX.
2.00 MAX.
.200
.100
5.08
2.54
.055
1.40
TYP.
.079 TYP.
2.00 TYP.
.100
2.54
.071
1.80
SOLDER PATTERN
2.20
.087
*0.01
µµµµF external by-pass filter is recommended as shown on solder pattern.
OUTLINE TOLERANCE:
±0.006” / 0.15mm
(Unless otherwise specified)
PIN FUNCTIONS:
[1] VOLTAGE CONTROL
[2] ENABLE/DISABLE
[3] CASE GROUND
[4] OUTPUT
[5] NO CONNECT
[6] SUPPLY VOLTAGE
TYP. MARKING:
VS2ASH
38.88
RAL D/C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com