Electronic Components Datasheet Search
  English  ▼

X  

BPF.58.01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # BPF.58.01
Description  rohs compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

BPF.58.01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  BPF.58.01 Datasheet HTML 1Page - Taoglas antenna solutions BPF.58.01 Datasheet HTML 2Page - Taoglas antenna solutions BPF.58.01 Datasheet HTML 3Page - Taoglas antenna solutions BPF.58.01 Datasheet HTML 4Page - Taoglas antenna solutions BPF.58.01 Datasheet HTML 5Page - Taoglas antenna solutions BPF.58.01 Datasheet HTML 6Page - Taoglas antenna solutions BPF.58.01 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPE-15-8-039/A/IC
Page 2 of 7
1. Introduction
The Airvu BPF.58 5.8GHz Band Pass Filter is placed on the end of the antenna
port to eliminate or reduce radio interference problems on UAVs. It does this in
two ways
1. It reduces out of band noise entering the receiver and causing effects
such as reduction of control range
2. It reduces the antenna transmissions of out of band noise affecting other
circuitry on your UAV (such as disrupting the GPS receiver leading to loss
of fix, or the control signal at 2.4GHz)
The ceramic filter inside the BPF.58 has better insertion loss and stop band
performance than competing LTCC or lumped element filters, while also having
good rejection at band edges. It uses a standard RP SMA(M) Plug to RP SMA(F)
Jack interface, as most antennas at 5.8GHz have a RP SMA(M) connector as
standard. This filter is designed to be easily screwed onto this standard antenna
SMA connector.
Contact your regional Taoglas office for support
Note
There can still be noise issues that a filter cannot solve. Such as noise that can
be radiated directly from the transmitter board and any wiring. Also no filter
can protect from in-band noise within the assigned operating frequency of the
receiver. Always try to place noisy components as far away from a receiver and
antenna as possible.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com