Electronic Components Datasheet Search
  English  ▼

X  

6047621 Datasheet(PDF) 2 Page - SICK AG

Part # 6047621
Description  TEMPERATURE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6047621 Datasheet(HTML) 2 Page - SICK AG

  6047621 Datasheet HTML 1Page - SICK AG 6047621 Datasheet HTML 2Page - SICK AG 6047621 Datasheet HTML 3Page - SICK AG 6047621 Datasheet HTML 4Page - SICK AG 6047621 Datasheet HTML 5Page - SICK AG 6047621 Datasheet HTML 6Page - SICK AG 6047621 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
THTE-1PAT12006MZ | THTE
TEMPERATURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
THTE-1PAT12006MZ
6047621
Other models and accessories
www.sick.com/THTE
Detailed technical data
Features
Measuring range
–50 °C +150 °C
Sensor element
Pt100, Pt1000 (for 4 mA ... 20 mA version)
Output signal
Pt100, 4-wire
Performance
Accuracy of sensor element
Class A according to IEC 60751 1)
Transmitter accuracy
± 0,25 K
Transmitter linearity
≤ ± 0.1 % of span
Response time
t50 ≤ 4,7 s
T90: ≤ 12.2 s 2)
1) Class B (measuring range –50 ° C ... –30 ° C).
2) Depending on sensor configuration, according to IEC 60751.
Mechanics/electronics
Process connection
Tri-clamp 1'', 1 ½''
Insertion length/diameter of probe
200 mm / 6 mm
Wetted parts
Stainless steel 1.4435 / 316L, Ra ≤ 0.8 µm
Pressure resistance
Max. 16 bar at room temperature
Housing material
Stainless steel (CrNi)
Electrical connection
Round connector M12 x 1, 4-pin, IP 67 and IP 69 1)
Measuring current
0.1 mA ... 1 mA
Electrical safety
Protection class: III, dielectric strength: 500 V AC
Protection class III
✔
RoHS certificate
✔
Initialization time
Max. 4 s
1) IP enclosure rating as per IEC 60529. The enclosure rating classes specified only apply while the device is connected with male cable connectors of the correspond-
ing enclosure rating.
2
FLUID SENSORS | SICK
Online data sheet | 2017-03-14 16:25:09
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com