Electronic Components Datasheet Search
  English  ▼

X  

LM2335 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2335
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2335 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2335 Datasheet HTML 6Page - National Semiconductor (TI) LM2335 Datasheet HTML 7Page - National Semiconductor (TI) LM2335 Datasheet HTML 8Page - National Semiconductor (TI) LM2335 Datasheet HTML 9Page - National Semiconductor (TI) LM2335 Datasheet HTML 10Page - National Semiconductor (TI) LM2335 Datasheet HTML 11Page - National Semiconductor (TI) LM2335 Datasheet HTML 12Page - National Semiconductor (TI) LM2335 Datasheet HTML 13Page - National Semiconductor (TI) LM2335 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Functional Description
The simplified block diagram below shows the 22-bit data register, two 15-bit R Counters and two 18-bit N Counters (intermediate
latches are not shown). The data stream is clocked (on the rising edge of Clock) into the DATA register, MSB first. The data stored
in the shift register is loaded into one of the 4 appropriate latches on the rising edge of LE. The last two bits are the Control Bits.
The DATA is transferred into the counters as follows:
Control Bits
DATA Location
C1
C2
0
0
RF2 R Counter
0
1
RF1 R Counter
1
0
RF2 N Counter
1
1
RF1 N Counter
PROGRAMMABLE REFERENCE DIVIDERS (RF1 AND RF2 R COUNTERS)
If the Control Bits are 00 or 01 (00 for RF2 and 01 for RF1) data is transferred from the 22-bit shift register into a latch which sets
the 15-bit R Counter. Serial data format is shown below.
15-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER)
Divide
RRRRRRRRRRRRRRR
Ratio 15 14 13 12 11 10
987654321
3
000000000000011
4
000000000000100
•
•••••••••••••••
32767
111111111111111
Notes:
Divide ratios less than 3 are prohibited.
Divide ratio: 3 to 32767
R1 to R15: These bits select the divide ratio of the programmable reference divider.
Data is shifted in MSB first.
DS012807-5
DS012807-6
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com