Electronic Components Datasheet Search
  English  ▼

X  

HSMS-286Y Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286Y
Description  Microwave Schottky Detector Diodes In Surface Mount SOD-523 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286Y Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-286Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Typical Performance Curves at Tc = +25
°°°°°C
Table 2. Electrical Specifications at Tc = +25
°°°°°C
Forward Voltage VF (mV)
Typical Capacitance CT (pF)
250 Min
350 Max
0.30
Test Conditions
IF = 1.0 mA
IF = 1.0 mA
VR = 0V , f = 1MHz
Typical Tangential Sensitivity
TSS (dBm) @ f =
Typical Voltage Sensitivity
(mV/
µW) @ f =
Typical Video
Resistance RV (K
Ω)
915 MHz
2.45 GHz
5.8 GHz
915 MHz
2.45 GHz
5.8 GHz
-57
-56
-55
50
35
25
5.0
Test
Conditions
Video Bandwidth = 2 MHz
Ib = 5
µA
Power in = - 40 dBm
RL = 100 K
Ω, Ib = 5 µA
Ib = 5
µA
Table 3. RF Electrical Specifications, Tc = +25
°°°°°C
-50
0.1
POWER IN (dBm)
-30
-20
10000
10
1
-40
0
100
-10
1000
R L = 100 K Ω
5.8 GHz
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
915 MHz
2.45 GHz
-50
0.3
POWER IN (dBm)
-30
10
1
-40
30
R L = 100 KΩ
2.45 GHz
915 MHz
5.8 GHz
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
POWER IN (dBm)
1
10
100
1000
10,000
-40
-30
-10
0
-20
10
Frequency = 2.45 GHz
Fixed-tuned FR4 circuit
R L = 100 KΩ
20
µA
5
µA
10
µA
5
35
30
40
10
15
20
25
.1
1
10
100
BIAS CURRENT (
µA )
Input Power =
-30 dBm @ 2.45 GHz
Data taken in fixed-tuned
FR4 circuit
R L = 100 KΩ
Figure 1. Forward Current vs. Forward
Voltage at Temperature
Figure 2. +25
°°°°°C Output Voltage vs. Input
Power, 3uA Bias
Figure 3. +25
°°°°°C Expanded Output Voltage
vs. Input Power.
Figure 4. Dynamic Transfer Characteristic
as a function of DC Bias
Figure 5. Voltage Sensitivity as a Function
of DC Bias Current
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FORWARD VOLTAGE (V)
+85 oC
-55oC
25 oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com