Electronic Components Datasheet Search
  English  ▼

X  

MIC37139 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37139
Description  1.5A, LOW VOLTAGE UCAP LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37139 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37139 Datasheet HTML 1Page - Micrel Semiconductor MIC37139 Datasheet HTML 2Page - Micrel Semiconductor MIC37139 Datasheet HTML 3Page - Micrel Semiconductor MIC37139 Datasheet HTML 4Page - Micrel Semiconductor MIC37139 Datasheet HTML 5Page - Micrel Semiconductor MIC37139 Datasheet HTML 6Page - Micrel Semiconductor MIC37139 Datasheet HTML 7Page - Micrel Semiconductor MIC37139 Datasheet HTML 8Page - Micrel Semiconductor MIC37139 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC37139
Micrel
M9999-112003
2
November 2003
Pin Configuration
GND
IN
OUT
13
2
TAB
OUT
SOT-223 (S)
Ordering Information
Output
Part Number
Current
Voltage
Junction Temp. Range
Package
MIC37139-1.8BS
1.5A
1.8V
–40
°C to +125°C
SOT-223
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
Ground.
2
OUT
Regulator Output.
3
IN
Supply (Input).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com