Electronic Components Datasheet Search
  English  ▼

X  

LMX3161VBHX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161VBHX
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161VBHX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX3161VBHX Datasheet HTML 4Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 5Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 6Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 7Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 8Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 9Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 10Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 11Page - National Semiconductor (TI) LMX3161VBHX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PLL Functional Description
The simplified block diagram below shows the building blocks of frequency synthesizer and all internal registers, which are 20-bit
data register, 18-bit F-latch, 12-bit N-counter, and 6-bit R-counter.
The DATA stream is clocked into the data register on the rising edge of CLOCK signal, MSB first. The last two bits are the control
bits to indicate which register to be written. Upon the rising edge of the LE (Load Enable) signal, the rest of data bits is transferred
to the addressed register accordingly. The decoding scheme of the two control bits is as follows:
Control Bits
Register
C2
C1
0
0
N-Counter
1
0
R-Counter
X
1
F-Latch
Note: X = Don’t Care Condition
Programmable Feedback Divider (N-Counter)
The N-counter consists of the 6-bit swallow counter (A-counter) and the 6-bit programmable counter (B-counter). When the con-
trol bits are “00”, data is transferred from the 20-bit shift register into two 6-bit latches. One latch sets the A-counter while the other
sets the B-counter. The serial data format is shown below.
MSB
REGISTER’S BIT MAPPING
LSB
19
18
17
16
15
14
13
12
11
10
9
8
7
6
543210
RESERVED
N-COUNTER’s Divide Ratio
C2
C1
X
XXXXX
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
0
0
Note: X = Don’t Care Condition
Swallow Counter Divide Ratio (A-Counter)
Divide Ratio, A
N6
N5
N4
N3
N2
N1
0
000000
1
000001
*
******
63
111111
Note: Divide ratio must be from 0 to 63, and B must be
≥ A.
Programmable Counter Divide Ratio (B-Counter)
Divide Ratio, B
N12
N11
N10
N9
N8
N7
3
000
0
1
1
4
000
1
0
0
*
***
*
*
*
63
111
1
1
1
Note: Divide ratio must be from 3 to 63, and B must be
≥ A.
DS012815-4
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com