Electronic Components Datasheet Search
  English  ▼

X  

SMP100MC-230 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMP100MC-230
Description  TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC-230 Datasheet(HTML) 4 Page - STMicroelectronics

  SMP100MC-230 Datasheet HTML 1Page - STMicroelectronics SMP100MC-230 Datasheet HTML 2Page - STMicroelectronics SMP100MC-230 Datasheet HTML 3Page - STMicroelectronics SMP100MC-230 Datasheet HTML 4Page - STMicroelectronics SMP100MC-230 Datasheet HTML 5Page - STMicroelectronics SMP100MC-230 Datasheet HTML 6Page - STMicroelectronics SMP100MC-230 Datasheet HTML 7Page - STMicroelectronics SMP100MC-230 Datasheet HTML 8Page - STMicroelectronics SMP100MC-230 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SMP100MC
4/10
Figure 2: Pulse waveform
Figure 3: Non repetitive surge peak on-state
current versus overload duration
Figure 4: On-state voltage versus on-state
current (typical values)
Figure 5: Relative variation of holding current
versus junction temperature
Figure 6: Relative variation of breakover
voltage versus junction temperature
Figure 7: Relative variation of leakage current
versus junction temperature (typical values)
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
0
10
20
30
40
50
60
70
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
I
(A)
TSM
t(s)
F=50Hz
Tj initial = 25°C
10
100
01
2345
678
V (V)
T
I (A)
T
Tj=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Tj(°C)
I [Tj] / I [Tj=25°C]
HH
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Tj(°C)
V
[Tj] / V
[Tj=25°C]
BO
BO
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
I [Tj] / I [Tj=25°C]
RR
Tj(°C)
V =243V
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com