Electronic Components Datasheet Search
  English  ▼

X  

BCR16PM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # BCR16PM
Description  MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR16PM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BCR16PM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR16PM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR16PM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR16PM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR16PM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
100
23
5 7 101
80
40
23
5 7 102
44
120
160
200
60
20
100
140
180
0
4.4
0.4
1.2
2.4
3.2
0.8
1.6 2.0
2.8
3.6 4.0
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
Tj = 125°C
Tj = 25°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR16PM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
V2. Measurement using the gate trigger characteristics measurement circuit.
V3. The critical-rate of rise of the off-state commutating voltage is shown in the table below.
V4. The contact thermal resistance Rth (c-f) in case of greasing is 0.5
°C/W.
V5. High sensitivity (IGT
≤20mA) is also available. (IGT item 1)
Test conditions
Voltage
class
8
12
VDRM
(V)
400
600
Min.
—
10
—
10
Commutating voltage and current waveforms
(inductive load)
(dv/dt) c
Symbol
R
L
R
L
Unit
V/
µs
1. Junction temperature
Tj=125
°C
2. Rate of decay of on-state commutat-
ing current
(di/dt)c=–8A/ms
3. Peak off-state voltage
VD=400V
Symbol
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
(dv/dt)c
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
V2
Gate trigger current V2
Gate non-trigger voltage
Thermal resistance
Critical-rate of rise of off-state
commutating voltage
Test conditions
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=25A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case V4
Unit
mA
V
V
V
V
mA
mA
mA
V
°C/W
V/
µs
Typ.
—
—
—
—
—
—
—
—
—
—
—
!
@
#
!
@
#
ELECTRICAL CHARACTERISTICS
Limits
Min.
—
—
—
—
—
—
—
—
0.2
—
V3
Max.
2.0
1.5
1.5
1.5
1.5
30
V5
30 V5
30
V5
—
3.0
—
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
PERFORMANCE CURVES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com