Electronic Components Datasheet Search
  English  ▼

X  

CC.001 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # CC.001
Description  SMT C-Clip Connector with 1mm Working Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CC.001 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  CC.001 Datasheet HTML 1Page - Taoglas antenna solutions CC.001 Datasheet HTML 2Page - Taoglas antenna solutions CC.001 Datasheet HTML 3Page - Taoglas antenna solutions CC.001 Datasheet HTML 4Page - Taoglas antenna solutions CC.001 Datasheet HTML 5Page - Taoglas antenna solutions CC.001 Datasheet HTML 6Page - Taoglas antenna solutions CC.001 Datasheet HTML 7Page - Taoglas antenna solutions CC.001 Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPE-17-8-015/A/WY
Page 1 of 8
SPECIFICATION
Part No.
:
CC.001
Description
: SMT C-Clip Connector with 1mm Working Height
Features
: C-Clip Connector
Board-to-Antenna Application
SMT Footprint 3.2*1.7 mm
Nominal Working Height 1mm
RoHS Compliant


Similar Description - CC.001

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
Molex Electronics Ltd.
0483361001 MOLEX6-0483361001 Datasheet
172Kb / 4P
SLIMLINE SATA REC. REVERSE SMT WITH CLIP
0483361002 MOLEX6-0483361002 Datasheet
172Kb / 4P
SLIMLINE SATA REC. REVERSE SMT WITH CLIP
logo
Wurth Elektronik GmbH &...
692112030100 WURTH-692112030100 Datasheet
637Kb / 2P
USB 3.0 SMT PLUG WITH CLIP TYPE A
logo
Hirose Electric
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
FCI connector
SFW4R-2STE1 FCI-CONNECTOR-SFW4R-2STE1 Datasheet
740Kb / 8P
CAT NO. TABLE FOR 1mm SPACING SMT CONNECTOR
logo
Wurth Elektronik GmbH &...
629004113921 WURTH-629004113921 Datasheet
516Kb / 3P
USB 2.0 TYPE A SMT WITH CLIP
logo
Pulse A Technitrol Comp...
W9908 PULSE-W9908 Datasheet
1Mb / 6P
C-Clip Connector
W9909 PULSE-W9909 Datasheet
3Mb / 7P
C-Clip Connector
logo
Harwin Plc
M40-3100345R HARWIN-M40-3100345R Datasheet
143Kb / 2P
1mm PITCH DIL SMT SKT ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com