Electronic Components Datasheet Search
  English  ▼

X  

MP8784 Datasheet(PDF) 7 Page - Exar Corporation

Part # MP8784
Description  CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8784 Datasheet(HTML) 7 Page - Exar Corporation

  MP8784 Datasheet HTML 1Page - Exar Corporation MP8784 Datasheet HTML 2Page - Exar Corporation MP8784 Datasheet HTML 3Page - Exar Corporation MP8784 Datasheet HTML 4Page - Exar Corporation MP8784 Datasheet HTML 5Page - Exar Corporation MP8784 Datasheet HTML 6Page - Exar Corporation MP8784 Datasheet HTML 7Page - Exar Corporation MP8784 Datasheet HTML 8Page - Exar Corporation MP8784 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
03

5HY 
)LJXUH  &UHDWLQJ D 3LHFH :LVH /LQHDU
7UDQVIHU )XQFWLRQ
:
$QDORJ
,QSXW
P)
 9
6DPSOH
&ORFN
9,1
$9'''9''
9576
957
95%
95%6 *1'
'%
'%
'%
'%
'%
'%
'%
'%
&/.
03
P)
'LJLWDO
2XWSXWV
'%
'%
2(
5
5
5
&ï& P)
1&
1&
9
9
9
9
&
&
&
&
9 !9 !9 !9 ! *1'





9
9
9
9
9
9
9
9
'LJLWDO
&RGH
9,1
)LJXUH  $ 3LHFH :LVH /LQHDU
/RJDULWKPLF 7UDQVIHU )XQFWLRQ
$33/,&$7,21 127(6
6LJQDOV VKRXOG QRW H[FHHG $9'' RU '9'' 9 RU JR EHORZ
'*1' RU $*1' ï9 $OO SLQV KDYH LQWHUQDO SURWHFWLRQ GLRGHV
WKDW ZLOO SURWHFW WKHP IURP VKRUW WUDQVLHQWV 2V RXWVLGH WKH
VXSSO\ UDQJH
$*1' DQG '*1' SLQV DUH FRQQHFWHG LQWHUQDOO\ WKURXJK WKH 3ï
VXEVWUDWH '& YROWDJH GLIIHUHQFHV EHWZHHQ WKHVH SLQV ZLOO
FDXVH XQGHVLUDEOH LQWHUQDO VXEVWUDWH FXUUHQWV
7KH SRZHU VXSSO\ $9'' DQG UHIHUHQFH YROWDJH 957 95%
SLQV VKRXOG EH GHFRXSOHG ZLWK 2) DQG 2) FDSDFLWRUV WR
$*1' SODFHG DV FORVH WR WKH FKLS DV SRVVLEOH
7KH GLJLWDO RXWSXWV VKRXOG QRW GULYH ORQJ ZLUHV RU EXVHV 7KH
FDSDFLWLYH FRXSOLQJ DQG UHIOHFWLRQV ZLOO FRQWULEXWH QRLVH WR WKH
FRQYHUVLRQ
9,1 $QDORJ ,QSXW
7KLV SDUW KDV D VZLWFKHG FDSDFLWRU W\SH LQSXW FLUFXLW 7KLV PHDQV
WKDW WKH LQSXW LPSHGDQFH FKDQJHV ZLWK WKH SKDVH RI WKH LQSXW
FORFN
9,1 LV VDPSOHG DW WKH KLJK WR ORZ FORFN WUDQVLWLRQ
)LJXUH  VKRZV DQ HTXLYDOHQW LQSXW FLUFXLW
)LJXUH  (TXLYDOHQW ,QSXW &LUFXLW
:


957 95%
9,1
$*1'
:
S)
S)
$9
&/.
&/.
&/.
S)

5765%6 ,QWHUQDO %LDV 5HVLVWRUV
7ZR PDWFKHG UHVLVWRUV DUH SURYLGHG RQ WKH FKLS 7KHVH UHVLVWRUV
FDQ EH XVHG WR JHQHUDWH RQ FKLS UHIHUHQFH YROWDJHV (DFK
UHVLVWRU KDV D YDOXH HTXDO WR  RI WKH UHIHUHQFH ODGGHU UHVLVWRU
%\ FRQQHFWLQJ 576 WR 9#% DQG FRQQHFWLQJ 5%6 WR 9# WKH
UHIHUHQFH ODGGHU ZLOO EH ELDVHG WR  YROW DW 9# DQG  YROWV DW 9#%
,I WKH LQWHUQDO UHIHUHQFH SLQV 9#%$ DQGRU 9#$ DUH QRW XVHG WKH\
VKRXOG EH OHIW XQFRQQHFWHG
5 WKUX 5 5HIHUHQFH /DGGHU 7DSV
7KHVH WDSV FRQQHFW WR HYHU\ TXDUWHU SRLQW DORQJ WKH UHIHUHQFH
ODGGHU 5 LV WK XS IURP 9# 5 LV WKV XS IURP 9# RU
WK GRZQ IURP 9#%  1RUPDOO\ WKHVH SLQV VKRXOG KDYH 
PLFURIDUDG FDSDFLWRUV WR *1' WKLV KHOSV UHGXFH WKH ,1/ HUURUV
E\ VWDELOL]LQJ WKH UHIHUHQFH ODGGHU YROWDJHV 7KHVH WDSV FDQ
DOVR EH XVHG WR DOWHU WKH WUDQVIHU FXUYH RI WKH $'& $ IRXU
VHJPHQW SLHFHZLVH OLQHDU FXVWRP WUDQVIHU FXUYH FDQ EH
GHVLJQHG E\ FRQQHFWLQJ YROWDJH VRXUFHV WR WKHVH SLQV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com