Electronic Components Datasheet Search
  English  ▼

X  

MP7529BKS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7529BKS
Description  5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7529BKS Datasheet(HTML) 3 Page - Exar Corporation

  MP7529BKS Datasheet HTML 1Page - Exar Corporation MP7529BKS Datasheet HTML 2Page - Exar Corporation MP7529BKS Datasheet HTML 3Page - Exar Corporation MP7529BKS Datasheet HTML 4Page - Exar Corporation MP7529BKS Datasheet HTML 5Page - Exar Corporation MP7529BKS Datasheet HTML 6Page - Exar Corporation MP7529BKS Datasheet HTML 7Page - Exar Corporation MP7529BKS Datasheet HTML 8Page - Exar Corporation MP7529BKS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP7529B
3
Rev. 2.00
25
°C
Tmin to Tmax
ELECTRICAL CHARACTERISTICS
(VDD = 4.5 V to 5.5 V, Nominal VDD = 5 V, VREF = 10 V unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution (All Grades)
N
8
8
Bits
Integral Non-Linearity
INL
LSB
End Point Linearity Spec.
(Relative Accuracy)
J+1+1
K+1/2
+1/2
Differential Non-Linearity
DNL
LSB
All grades monotonic over full
J+1+1
temperature range.
K+1+1
Gain Error
GE
LSB
Using Internal RFB
J+4+5
K+2+3
Gain Temperature Coefficient2
TCGE
+15
+15
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+100
+200
ppm/%
|∆Gain/∆VDD|, ∆VDD = + 5%
VDD = 4.75 V, +5%, & 5.25 V +5%
Output Leakage Current
ILKG
+50
+200
nA
DYNAMIC PERFORMANCE2
Harmonic Distortion
THD
–95
dB
VIN = 6VRMS @ 1 KHz
Digital Crosstalk
Q
30
nVs
AC Feedthrough
FT
dB
VREFA to IOUTA
FTA
–70
–65
dB
VREFB to IOUTB
FTB
–70
–65
dB
Channel-to-Channel Isolation
CCI
dB
VREFA to IOUTB
CCIBA
–77
dB
VREFB to IOUTA
CCIAB
–77
dB
Glitch Energy
Egl
10
nVs
All zeros to all ones Input Change.
Current Settling Time
tS
200
250
ns
To 1/2 LSB,RL=100Ω, CEXT=13pF
Propagation Delay
tPD
100
150
ns
From 50% of digital input to 90%
of final analog output current
RL=100Ω, CEXT=13pF
REFERENCE INPUT
Input Resistance
RIN
8
15
8
15
k
Ω
Input Resistance Matching
+1+1%
DIGITAL INPUTS3
Logical “1” Voltage
VIH
2.4
2.4
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1+10
µA
Input Capacitance2
Data
CIN
10
10
pF
Control
CIN
15
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com