Electronic Components Datasheet Search
  English  ▼

X  

STTA806G Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA806G
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA806G Datasheet(HTML) 3 Page - STMicroelectronics

  STTA806G Datasheet HTML 1Page - STMicroelectronics STTA806G Datasheet HTML 2Page - STMicroelectronics STTA806G Datasheet HTML 3Page - STMicroelectronics STTA806G Datasheet HTML 4Page - STMicroelectronics STTA806G Datasheet HTML 5Page - STMicroelectronics STTA806G Datasheet HTML 6Page - STMicroelectronics STTA806G Datasheet HTML 7Page - STMicroelectronics STTA806G Datasheet HTML 8Page - STMicroelectronics STTA806G Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTA806D/DI/G
3/9
P1(W)
012
34567
8
0
2
4
6
8
10
12
14
16
18
=0.2
=0.5
=1
IF(av)(A)
T
=tp/T
tp
=0 . 1
Fig. 1: Conduction losses versus average current.
0.1
1
10
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
MAXIMUM VALUES
IFM(A)
Tj=125 C
o
VFM(V)
Fig. 2: Forward voltage drop versus forward
current.
Fig. 3: Relative variation of thermal transient
impedance junction to case versus pulse duration.
0
100 200 300 400 500 600 700 800 900 1000
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
IRM(A)
VR=400V
IF=8A
IF=4A
90% CONFIDENCE Tj=125 C
o
IF=16A
dIF/dt(A/ s)
Fig. 4: Peak reverse recovery current versus
dIF/dt.
0
100 200 300 400 500 600 700 800 900 1000
0
20
40
60
80
100
120
140
160
180
200
trr(ns)
VR=400V
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
IF=8A
IF=4A
IF=16A
Fig. 5: Reverse recovery time versus dIF/dt.
0
100 200 300 400 500 600 700 800 900 1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Sfactor
VR=400V
IF<2xIF(av)
Typical values Tj=125 C
o
dIF/dt(A/ s)
Fig. 6: Softness factor (tb/ta) versus dIF/dt.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com