Electronic Components Datasheet Search
  English  ▼

X  

LL4151-M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LL4151-M
Description  Small Signal Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL4151-M Datasheet(HTML) 1 Page - Vishay Siliconix

  LL4151-M Datasheet HTML 1Page - Vishay Siliconix LL4151-M Datasheet HTML 2Page - Vishay Siliconix LL4151-M Datasheet HTML 3Page - Vishay Siliconix LL4151-M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LL4151-M
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 02-Mar-15
1
Document Number: 85906
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Fast Switching Diode
MECHANICAL DATA
Case: MiniMELF SOD-80
Weight: approx. 31 mg
Cathode band color: black
Packaging codes/options:
18/10K per 13
" reel (8 mm tape), 10K/box
08/2.5 per 7
" reel (8 mm tape), 12.5K/box
FEATURES
• Silicon epitaxial planar diodes
• Electrical data identical with the device 1N4151
• AEC-Q101 qualified
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Extreme fast switches
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
INTERNAL CONSTRUCTION
REMARKS
LL4151-M
LL4151-M-18 or LL4151-M-08
-
Single diode
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
75
V
Reverse voltage
VR
50
V
Peak forward surge current
tp = 1 μs
IFSM
2A
Repetitive peak forward current
IFRM
500
mA
Forward continuous current
IF
300
mA
Average forward current
VR = 0
IF(AV)
150
mA
Power dissipation
Ptot
500
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
-65 to +175
°C


Similar Part No. - LL4151-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4151-M VISHAY-LL4151-M Datasheet
88Kb / 4P
Small Signal Fast Switching Diode
25-Feb-2020
LL4151-M VISHAY-LL4151-M_V01 Datasheet
88Kb / 4P
Small Signal Fast Switching Diode
25-Feb-2020
More results

Similar Description - LL4151-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
Small Signal Fast Switching Diode
06-Apr-05
1N4448WS-V VISHAY-1N4448WS-V Datasheet
86Kb / 6P
Small Signal Fast Switching Diode
04-Sep-06
logo
SynSemi, Inc.
1N4148WS SYNSEMI-1N4148WS Datasheet
86Kb / 3P
SMALL SIGNAL FAST SWITCHING DIODE
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
Small Signal Fast Switching Diode
logo
Vishay Siliconix
LL4150 VISHAY-LL4150_12 Datasheet
58Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LL4151 VISHAY-LL4151_12 Datasheet
59Kb / 4P
Small Signal Fast Switching Diode
01-Sep-10
LS4150 VISHAY-LS4150_12 Datasheet
95Kb / 4P
Small Signal Fast Switching Diode
14-Feb-12
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
Small Signal Fast Switching Diode
09-Mar-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com