Electronic Components Datasheet Search
  English  ▼

X  

TDA7863D Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7863D
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7863D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7863D Datasheet HTML 4Page - STMicroelectronics TDA7863D Datasheet HTML 5Page - STMicroelectronics TDA7863D Datasheet HTML 6Page - STMicroelectronics TDA7863D Datasheet HTML 7Page - STMicroelectronics TDA7863D Datasheet HTML 8Page - STMicroelectronics TDA7863D Datasheet HTML 9Page - STMicroelectronics TDA7863D Datasheet HTML 10Page - STMicroelectronics TDA7863D Datasheet HTML 11Page - STMicroelectronics TDA7863D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TDA7463D
8/12
Figure 10. PIN: ALC
Figure 11. PIN CREF
Figure 12. BASS ALC: Threshold curve
Figure 13. BASS ALC: THD
100K
VS
D99AU1112
20
µA
GND
1K
VS
D99AU1113
20
µA
GND
0.01
0.1
VI(Vrms)
0.01
0.1
VO
(Vrms)
VS=1.8V; f=100Hz;
Volume=-14dB;
Output gain=+14dB
Intern. release circuit=ON
Bass boost
with ALC
Bass boost
without ALC
Bass=
+14dB boost
Threshold:
17dB
14dB
flat
11dB
8dB
D99AU1115
0.01
0.1
VI(Vrms)
0.001
0.01
0.1
1
10
THD
(%)
VS=1.8V; f=100Hz;
Volume=-14dB;
Output gain=+14dB
Intern. release circuit=ON
Bass boost
with ALC
Bass boost
without ALC
flat
Threshold
17dB
D99AU1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com