Electronic Components Datasheet Search
  English  ▼

X  

TLV3701 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3701
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3701 Datasheet(HTML) 2 Page - Texas Instruments

  TLV3701 Datasheet HTML 1Page - Texas Instruments TLV3701 Datasheet HTML 2Page - Texas Instruments TLV3701 Datasheet HTML 3Page - Texas Instruments TLV3701 Datasheet HTML 4Page - Texas Instruments TLV3701 Datasheet HTML 5Page - Texas Instruments TLV3701 Datasheet HTML 6Page - Texas Instruments TLV3701 Datasheet HTML 7Page - Texas Instruments TLV3701 Datasheet HTML 8Page - Texas Instruments TLV3701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
2
www.ti.com
A SELECTION OF OUTPUT COMPARATORS†
DEVICE
VCC
(V)
VIO
(
µV)
ICC/Ch
(
µA)
IIB
(pA)
tPLH
(
µs)
tPHL
(
µs)
tf
(
µs)
tr
(
µs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV370x
2.5 – 16
250
0.56
80
56
83
22
8
I
PP
TLV340x
2.5 – 16
250
0.47
80
55
30
5
–
I
OD
TLC3702/4
3 – 16
1200
9
5
1.1
0.65
0.5
0.125
–
PP
TLC393/339
3 – 16
1400
11
5
1.1
0.55
0.22
–
–
OD
TLC372/4
3 – 16
1000
75
5
0.65
0.65
–
–
–
OD
† All specifications are typical values measured at 5 V.
TLV3701 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
SOT-23
(DBV)‡
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
5000
µV
TLV3701CD
TLV3701CDBV
VBCC
—
-40
°C to 125°C
5000
µV
TLV3701ID
TLV3701IDBV
VBCI
TLV3701IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3701CDR).
‡ This package is only available taped and reeled. For standard quantities (3000 pieces per reel), add an R suffix (i.e., TLV3701CDBVR). For small
quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g., TLV3701CDBVT).
TLV3702 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
MSOP
(DGK)†
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
5000
µV
TLV3702CD
TLV3702CDGK
xxTIAKC
—
– 40
°C to 125°C
5000
µV
TLV3702ID
TLV3702IDGK
xxTIAKD
TLV3702IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3702CDR).
TLV3704 AVAILABLE OPTIONS
Vma
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
5000
µV
TLV3704CD
—
TLV3704CPW
– 40
°C to 125°C
5000
µV
TLV3704ID
TLV3704IN
TLV3704IPW
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV3704CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com