Electronic Components Datasheet Search
  English  ▼

X  

ASS-PKA Datasheet(PDF) 1 Page - StarHope

Part # ASS-PKA
Description  Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASS-PKA Datasheet(HTML) 1 Page - StarHope

  ASS-PKA Datasheet HTML 1Page - StarHope ASS-PKA Datasheet HTML 2Page - StarHope ASS-PKA Datasheet HTML 3Page - StarHope ASS-PKA Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPSEMI
REV 2016 08 10
..
.
www.spsemi.cn
Page 1 of 4
Surface Mount Auto Surge Suppressor
Stand-off Voltage - 15 to 60 Volts
6600 Watt Peak Pulse Power
Features
Glass passivated junction
Surface mount DO-214AB
Bi-directional or Un-directional
Very low clamping voltage
High temperature soldering:260°C/10 seconds at terminals
Continued current transient suppressor
RoHS compliant
6.6KW peak pulse power capability on 10/1000 s waveform
μ
PKA(6.6KW) Series
Applications
Auto powers system
Can-bus
ABS powers
Car audio and video
Automotive instrument
Bluetooth
Car GPS
I-V Curve Characteristics
IEC Compatibility
ISO 16750-2 Test A 12v System (87V 2
150ms 10c)
Ω
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
Meet AEC-Q101 requirement


Similar Part No. - ASS-PKA

ManufacturerPart #DatasheetDescription
logo
StarHope
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKS SPSEMI-ASS-PKS Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
ASS-PKT SPSEMI-ASS-PKT Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
More results

Similar Description - ASS-PKA

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECD SPSEMI-TVS-TECD Datasheet
131Kb / 4P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 60 Volts 2000 Watt Peak Pulse Power
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKS SPSEMI-ASS-PKS Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
ASS-PKT SPSEMI-ASS-PKT Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com