Electronic Components Datasheet Search
  English  ▼

X  

EXE Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # EXE
Description  Injection molded 쩌 wave helical antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXE Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  EXE Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
• Injection molded ¼ wave helical antenna
• High durability, high efficiency
• Textured finish with strain-relief base
• Available in various standard connectors
• An original ‘Tuf Duck’ antenna
ANT-DS-EXE 0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
EXE
Two-Way Radio Antenna
FREQUENCIES AND CONNECTORS
PART#
FREQUENCY BAND
CONNECTORS
AVERAGE LENGTH
EXE806
806-866 MHz
BN, MD & SM
8.0” – 8.9”
EXE821
821-902 MHz
BN, MD & SM
8.0”
EXE902
BN, MD & SM
8.3”
SHORTENED
902-960 MHz
½ WAVE DIPOLE EXES
EXES806
806–866 MHz
BN, MD & SM
7.6”
The EXE model antenna is available in the above frequencies and connectors. Order by antenna model, frequency and connector.
For example: EXE806SF. Length of each antenna will vary according to the connector chosen. Specifications subject to change without notice.
PARAMETER
SPECIFICATION
Frequency Range
Trunking/ Cellular
Nominal Impedance
50 ohms
VSWR
1.5:1 max at resonance
Polarization
Vertical
Temperature Range
-40°C to +85°C
Drop Test
1M
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
EXE TWO-WAY RADIO ANTENNA
Laird portable antennas and accessories are the world standard for reliable, high performance
communication parts. Established in-market presence and innovative design techniques, with verified
product specifications and a variety of connection options adds to the Laird reputation for rugged
reliability in hazardous situations and harsh environments. As the industry leader in portable antenna
products and accessories Laird produces antennas and accessories in a diverse number of styles and
configurations. To ensure maximum reliability antennas and accessories are engineered and
manufactured to deliver optimum performance within published specifications in operational critical
applications.


Similar Part No. - EXE

ManufacturerPart #DatasheetDescription
logo
SICK AG
EXE-06D6203B020 SICK-EXE-06D6203B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
EXE-09D6403B020 SICK-EXE-09D6403B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
EXE-12D6603B020 SICK-EXE-12D6603B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
EXE-12D6803B020 SICK-EXE-12D6803B020 Datasheet
1Mb / 7P
SAFETY LIGHT CURTAINS
2016-07-04
logo
Integrated Device Techn...
EXE8602 IDT-EXE8602 Datasheet
189Kb / 2P
71 ??86 GHz Power Detector
More results

Similar Description - EXE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA.31.A ETC2-HA.31.A Datasheet
3Mb / 24P
Embedded Helical Monopole Antenna
logo
Laird Tech Smart Techno...
EXR LSTD-EXR Datasheet
721Kb / 1P
Injection molded high performance flexible cable antenna
WXR LSTD-WXR Datasheet
1Mb / 1P
Injection molded high performance flexible cable antenna
logo
Pulse A Technitrol Comp...
W3126 PULSE-W3126 Datasheet
966Kb / 4P
ISM 315MHz Helical Antenna
W3127 PULSE-W3127_14 Datasheet
1Mb / 4P
ISM 433MHz Helical Antenna
logo
Taoglas antenna solutio...
HA10A TAOGLAS-HA10A Datasheet
1Mb / 14P
169MHz Helical Monopole Antenna
logo
Maxtena Inc.
M1600HCT12-UFL MAXTENA-M1600HCT12-UFL Datasheet
263Kb / 1P
THURAYA HELICAL ANTENNA
logo
Linx Technologies
ANT-315-CW-HD LINX-ANT-315-CW-HD Datasheet
250Kb / 2P
This reduced-height 쩌-wave antenna is ready for years of use thanks to a flexible internal helical
4/14/14
ANT-433-CW-HD LINX-ANT-433-CW-HD Datasheet
252Kb / 2P
This reduced-height 쩌-wave antenna is ready
5/16/14
logo
Suzhou Maswell Communic...
AN_GPS_301 MASWELL-AN_GPS_301 Datasheet
319Kb / 2P
GNSS Helical Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com