Electronic Components Datasheet Search
  English  ▼

X  

CC0805MP6BB Datasheet(PDF) 13 Page - YAGEO Corporation

Part # CC0805MP6BB
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0805MP6BB Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button CC0805MP6BB Datasheet HTML 9Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 10Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 11Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 12Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 13Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 14Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 15Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 16Page - YAGEO Corporation CC0805MP6BB Datasheet HTML 17Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.yageo.com
May. 31, 2016 V.14
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
13
13
Product specification
X7R
Fig. 8
Impedance ESR vs. frequency characteristics for multilayer chip capacitors
Size 1206 1 µF / 25 V
Solid lines: Impedance / Dotted lines: ESR
Fig. 9
Impedance ESR vs. frequency characteristics for multilayer chip capacitors
Size 1206 10 µF / 10 V
Solid lines: Impedance / Dotted lines: ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com