Electronic Components Datasheet Search
  English  ▼

X  

SPE06SC Datasheet(PDF) 2 Page - StarHope

Part # SPE06SC
Description  Surge & ESD Protection Device SPE06S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPE06SC Datasheet(HTML) 2 Page - StarHope

  SPE06SC Datasheet HTML 1Page - StarHope SPE06SC Datasheet HTML 2Page - StarHope SPE06SC Datasheet HTML 3Page - StarHope SPE06SC Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
REV 2016 12 12
..
.
www.spsemi.cn
Page 2 of 4
Maximum Ratings(T =25
unless otherwise specified )
A
℃
Rating
Symbol
Value
Units
Termal Resistance:Junction to Ambient
Operating junction
Storage Temperature Range
RJ
BA
TJ
TS
90
40 to +150
-
-65 to +150
℃/W
℃
℃
Dimensions (DO-214AA)
Electrical Characteristics(T =25
unless otherwise specified )
A
℃
S.E.T/SPE06S Series
Typical Application Circuit
V ideo
Chip
SET
..
10-20ohm
75ohm
75ohm resistance is the original video matching resistance
RS485
SET
..
10-20ohm
10-20ohm
BNC
RS485
0.086 2.20
()
0.073 1.85
()
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
DO-214AA(SMB J-Bend)
Dimensions in inches and(millimeters)
0.098(2.50)
0.083(2.10)
0.220 5.59
()
0.205 5.21
()
0.012 0.305
()
0.006 0.152
()
0.060 1.52
()
0.030 0.76
()
0.012(0.3)MAX.
SPE06S
Part
Number
VBR
IR
@VRWM
IH
Device
Marking
Code
SPE06SB
SPE06SC
SPE06SBL
SPE06SCL
E06SB
E06C
EDA
EFA
6.5
6.5
6.5
6.5
8.0
8.0
8.0
8.0
15.0
15.0
15.0
15.0
3
3
2
2
20
20
20
20
60
100
40
50
Capacitance
@1MHz,2V bias
VRWM
V(typ.)
VS
@100V/µs
V(max.)
25
25
25
25
V(max.)
V(min.)
mA(min.)
pF(max.)
µA(max.)
VT
@IT
V(max.)
4
4
4
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com