Electronic Components Datasheet Search
  English  ▼

X  

CM322522-R82JL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CM322522-R82JL
Description  Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM322522-R82JL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CM322522-R82JL Datasheet HTML 1Page - Bourns Electronic Solutions CM322522-R82JL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.90 ± 0.2
(.114 ± .008)
3.20 ± 0.4
(.126 ± .016)
2.20 ± 0.2
(.087 ± .008)
0.60 +0.3/-0.0
(.024 +.012/-.000)
0.60 +0.3/-0.0
(.024 +.012/-.000)
2.50 ± 0.2
(.098 ± .008)
0.75 +0.2
(.030 +.008)
0.75 +0.2
(.030 +.008)
1.00 ± 0.2
(.039 ± .008)
1.9 ~ 2.4
(.075 ~ .094)
1.2 ~ 1.3
(.047 ~ .051)
1.6 ~ 2.0
(.063 ~ .079)
1.2 ~ 1.3
(.047 ~ .051)
Features
■ High resistance to heat and humidity
■ Resistance to mechanical shock and
pressure
■ Accurate dimensions for automatic
surface mounting
■ Inductance range: 0.12 to 150 µH
■ RoHS compliant*
Applications
■ Mobile phones
■ Cellular phones
■ CTV, VCR, HIC, FDD
CM322522 Series - Chip Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
.............................. 245 °C, 5 seconds
Temperature Rise ..........................20 °C
Rated Current .... Inductance drops 10 %
Electrical Specifications @25 °C
Bourns
Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
IDC
(mA)
µH
Standard
Tol.
(%)
Other
Tol.
(%)
CM322522-R12ML
0.12
± 20
N/A
30
25.2
500
0.22
450
CM322522-R15ML
0.15
± 20
N/A
30
25.2
450
0.25
450
CM322522-R18ML
0.18
± 20
N/A
30
25.2
400
0.28
450
CM322522-R22*L
0.22
± 20
± 10
30
25.2
350
0.32
450
CM322522-R27*L
0.27
± 20
± 10
30
25.2
320
0.36
450
CM322522-R33*L
0.33
± 20
± 10
30
25.2
300
0.4
450
CM322522-R39*L
0.39
± 20
± 10
30
25.2
250
0.45
450
CM322522-R47*L
0.47
± 20
± 10
30
25.2
220
0.5
450
CM322522-R56*L
0.56
± 20
± 10
30
25.2
180
0.55
450
CM322522-R68*L
0.68
± 20
± 10
30
25.2
160
0.6
450
CM322522-R82*L
0.82
± 20
± 10
30
25.2
140
0.65
450
CM322522-1R0*L
1
± 10
± 5
30
7.96
120
0.7
400
CM322522-1R2*L
1.2
± 10
± 5
30
7.96
100
0.75
390
CM322522-1R5*L
1.5
± 10
± 5
30
7.96
85
0.85
370
CM322522-1R8*L
1.8
± 10
± 5
30
7.96
80
0.9
350
CM322522-2R2*L
2.2
± 10
± 5
30
7.96
75
1
320
CM322522-2R7*L
2.7
± 10
± 5
30
7.96
70
1.1
290
CM322522-3R3*L
3.3
± 10
± 5
30
7.96
60
1.2
260
CM322522-3R9*L
3.9
± 10
± 5
30
7.96
55
1.3
250
CM322522-4R7*L
4.7
± 10
± 5
30
7.96
50
1.5
220
CM322522-5R6*L
5.6
± 10
± 5
30
7.96
45
1.6
200
CM322522-6R8*L
6.8
± 10
± 5
30
7.96
40
1.8
180
CM322522-8R2*L
8.2
± 10
± 5
30
7.96
35
2
170
CM322522-100*L
10
± 10
± 5
30
2.52
30
2.1
150
CM322522-120*L
12
± 10
± 5
30
2.52
20
2.5
140
CM322522-150*L
15
± 10
± 5
30
2.52
20
2.8
130
CM322522-180*L
18
± 10
± 5
30
2.52
20
3.3
120
CM322522-220*L
22
± 10
± 5
30
2.52
20
3.7
110
CM322522-270*L
27
± 10
± 5
30
2.52
20
5
80
CM322522-330*L
33
± 10
± 5
30
2.52
17
5.6
70
CM322522-390*L
39
± 10
± 5
30
2.52
16
6.4
65
CM322522-470*L
47
± 10
± 5
30
2.52
15
7
60
CM322522-560*L
56
± 10
± 5
30
2.52
13
8
55
CM322522-680*L
68
± 10
± 5
30
2.52
12
9
50
CM322522-820*L
82
± 10
± 5
30
2.52
11
10
45
CM322522-101*L
100
± 10
± 5
20
0.796
10
11
40
CM322522-121*L
120
± 10
± 5
20
0.796
10
11
70
CM322522-151*L
150
± 10
± 5
20
0.796
8
15
65
General Specifications
Core..............................................Ferrite
Wire ........................... Enamelled copper
Enclosure............................. Epoxy resin
Terminal Finish ...................................Sn
Packaging...... 2,000 pcs. per 7-inch reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Schematic
* Enter Standard or Other Tolerance Code:
M = ±20 %, K = ±10 %, J = ±5 %


Similar Part No. - CM322522-R82JL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM322522-R82M BOURNS-CM322522-R82M Datasheet
419Kb / 7P
SMT Chip Inductors
CM322522-R82ML BOURNS-CM322522-R82ML Datasheet
305Kb / 7P
High resistance to heat and humidity
More results

Similar Description - CM322522-R82JL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HT COILCRAFT-1008HT Datasheet
219Kb / 2P
Chip Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
Bourns Electronic Solut...
CMH322522_MDS BOURNS-CMH322522_MDS Datasheet
225Kb / 1P
Chip Inductor
CS160808_MDS BOURNS-CS160808_MDS Datasheet
176Kb / 1P
Chip Inductor
logo
XFMRS Inc.
XFEB30-322513 XFMRS-XFEB30-322513 Datasheet
43Kb / 1P
CHIP INDUCTOR
XFWI453232-221J XFMRS-XFWI453232-221J Datasheet
44Kb / 1P
Chip Inductor
XFWI453232-820J XFMRS-XFWI453232-820J Datasheet
44Kb / 1P
Chip Inductor
logo
AiT Semiconductor Inc.
WCA AITSEMI-WCA Datasheet
371Kb / 7P
CHIP INDUCTOR
WCD AITSEMI-WCD Datasheet
277Kb / 5P
CHIP INDUCTOR
WCF AITSEMI-WCF Datasheet
367Kb / 8P
CHIP INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com