Electronic Components Datasheet Search
  English  ▼

X  

30EPF06 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30EPF06
Description  Fast Soft Recovery Rectifier Diode, 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30EPF06 Datasheet(HTML) 1 Page - Vishay Siliconix

  30EPF06 Datasheet HTML 1Page - Vishay Siliconix 30EPF06 Datasheet HTML 2Page - Vishay Siliconix 30EPF06 Datasheet HTML 3Page - Vishay Siliconix 30EPF06 Datasheet HTML 4Page - Vishay Siliconix 30EPF06 Datasheet HTML 5Page - Vishay Siliconix 30EPF06 Datasheet HTML 6Page - Vishay Siliconix 30EPF06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93145
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 12-Jun-08
1
Fast Soft Recovery
Rectifier Diode, 30 A
30EPF.., 30CPF.. Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 30EPF.. and 30CPF.. soft recovery rectifier series has
been optimized for combined short reverse recovery time
and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
30CPF series is a drop in replacement for 25CPF series
(parallel connection only).
This product series has been designed and qualified for
industrial level.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input rectifications where severe restrictions on conducted
EMI should be met
PRODUCT SUMMARY
VF at 10 A
< 1.2 V
trr
60 ns
VRRM
200 to 600 V
TO-247AC modified
30CPF..
TO-247AC
30EPF..
2
1
3
Cathode
Anode
2
Anode
1
Anode
3
Base
common
cathode
Base
common
cathode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
30
A
VRRM
200 to 600
V
IFSM
350
A
VF
10 A, TJ = 25 °C
1.2
V
trr
1 A, 100 A/µs
60
ns
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK REVERSE
VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
30EPF02, 30CPF02
200
300
2
30EPF04, 30CPF04
400
500
30EPF06, 30CPF06
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 98 °C, 180° conduction half sine wave
30
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
300
10 ms sine pulse, no voltage reapplied
350
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
450
A2s
10 ms sine pulse, no voltage reapplied
636
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
6360
A2
√s


Similar Part No. - 30EPF06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPF06 IRF-30EPF06 Datasheet
159Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
30EPF06 ISC-30EPF06 Datasheet
284Kb / 2P
Soft Fast Recovery Diode
logo
Vishay Siliconix
30EPF06-1 VISHAY-30EPF06-1 Datasheet
262Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
30EPF06-1PBF VISHAY-30EPF06-1PBF Datasheet
262Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
logo
International Rectifier
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 30EPF06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF02PBF VISHAY-30EPF02PBF Datasheet
262Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
80EPF02PBF VISHAY-80EPF02PBF Datasheet
245Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
30EPF10PBF VISHAY-30EPF10PBF_13 Datasheet
200Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
20-Oct-11
30EPF02PBF VISHAY-30EPF02PBF_13 Datasheet
241Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
20-Oct-11
VS-30.PF1.PBF VISHAY-VS-30.PF1.PBF Datasheet
272Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
11-Feb-16
30EPFPBF VISHAY-30EPFPBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
VS-30.PF0.PBF VISHAY-VS-30.PF0.PBF Datasheet
310Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
11-Feb-16
VS-30PF0-M3 VISHAY-VS-30PF0-M3 Datasheet
258Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
29-Nov-2019
VS-30PF1-M3 VISHAY-VS-30PF1-M3 Datasheet
263Kb / 7P
Fast Soft Recovery Rectifier Diode, 30 A
29-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com