Electronic Components Datasheet Search
  English  ▼

X  

UT62L1024PC-35LL Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # UT62L1024PC-35LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024PC-35LL Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button UT62L1024PC-35LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 11Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 12Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 13Page - List of Unclassifed Manufacturers UT62L1024PC-35LL Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
13
REVISION HISTORY
REVISION
DESCRIPTION
DATE
Rev. 1.0
Original.
Jun. 01. 1997
Rev. 1.1
128Kx 8 Low Voltage CMOS SRAM 之TN8106 body 已作fine
tunings,將ISB1降為0.5uA(LL)、2uA(L)、Vcc range:3.0V~3.6V
Apr. 05. 2000
Rev. 1.2
Add STSOP-I Package
Aug. 29. 2000
Rev. 1.3
Modify the format of power consumption
Sep. 01. 2000
Rev. 1.4
Add speed : -55ns
Dec. 01. 2000
Rev. 1.5
Vcc min 3.1→2.7V
Mar. 15. 2001
Rev. 1.6
1. The symbols CE1# ,OE# & WE# are revised as
1
CE , OE & WE .
2. Add Icc value of 55ns range(access time) .
3. VOH is revised as 2.2V.
4. ISB1 is revised as 100µs.
Jun. 26. 2001
Rev. 1.7
Revised 32 pin 8mmx13.4mm STSOP Package Outline
Dimension.
Nov. 26. 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com