Electronic Components Datasheet Search
  English  ▼

X  

TO-220AC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TO-220AC
Description  Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-220AC Datasheet(HTML) 1 Page - Vishay Siliconix

  TO-220AC Datasheet HTML 1Page - Vishay Siliconix TO-220AC Datasheet HTML 2Page - Vishay Siliconix TO-220AC Datasheet HTML 3Page - Vishay Siliconix TO-220AC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYWE29-50, BYWE29-100, BYWE29-150, BYWE29-200
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
1
Document Number: 87922
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Rectifier
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, DC/DC
converters, and other power switching application.
MECHANICAL DATA
Case: TO-220AC
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
50 V, 100 V, 150 V, 200 V
IFSM
100 A
trr
25 ns
VF
0.8 V
TJ max.
150 °C
Package
TO-220AC
Diode variations
Single die
CASE
PIN 2
PIN 1
BYWE29-xxx
TO-220AC
1
2
1
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYWE29-50
BYWE29-100
BYWE29-150
BYWE29-200
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current
at TC = 105 °C
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
100
A
Operating and storage temperature range
TJ, TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL BYWE29-50
BYWE29-100 BYWE29-150 BYWE29-200
UNIT
Maximum instantaneous
forward voltage
IF = 20 A
TJ = 25 °C
VF (1)
1.3
V
IF = 8.0 A
TJ = 150 °C
0.8
Maximum DC reverse current
at rated DC blocking voltage
TC = 25 °C
IR
10
μA
TC = 100 °C
500
Maximum reverse recovery
time
IF = 1 A, VR = 30 V,
dI/dt = 100 A/μs,
Irr = 10 % IRM
trr
25
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
45
pF


Similar Part No. - TO-220AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-220AC ETC2-TO-220AC Datasheet
113Kb / 1P
20 Amp HT Power Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
TO-220AC LUGUANG-TO-220AC Datasheet
218Kb / 2P
Fast Recovery Rectifier
TO-220AC LUGUANG-TO-220AC Datasheet
184Kb / 2P
Fast Recovery Rectifiers
TO-220AC LUGUANG-TO-220AC Datasheet
154Kb / 2P
Fast Recovery Rectifiers
TO-220AC LUGUANG-TO-220AC Datasheet
203Kb / 2P
8.0AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - TO-220AC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com