Electronic Components Datasheet Search
  English  ▼

X  

VSC6048 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC6048
Description  High-Speed Octal Programmable Timing Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6048 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC6048 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6048 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC6048
G52335-0, Rev. 4.0
High-Speed Octal
Programmable Timing Generator
Features
VSC6048 Block Diagram
• 100MHz/200MHz Dynamic Reprogram Frequency
for Incrementing and Decrementing
• Internal or External High-Speed Clock Option
• Low Power: 8 Watts, max
• Low Cost 160-Pin PQFP Packaging
• 8 Fully Integrated Timing Generators for ATE
Applications
• 10/5ns Delay Range, 10ps Resolution
• Fully Digital Interface. No Off-Chip DACs or
Trim Components Required
• ± 4 LSB Differential Non-Linearity
DAC_WR
CAL_DAT
Register
SPAN
CAL
DAC
IN0A
IN0B
DIN
TEST[0:9]
Register
Channel 1
Channel 0
Channel 2
Channel 7
Variable
Shift
Register
Input
Interleve
800MHz
Clock
400MHz
Clock
3
Vernier
Delay
Element
Out 0
Calibration
Register
400MHz Clock
800MHz Clock
PLL
Clock Multiplier
Unit
x8, x16
Register
7
7
10
6
CAL_DAT
6
6
ADR[0:2]
DCLK
SHIFT
RCK
RCKN
BYP
FSEL
PLLRST


Similar Part No. - VSC6048

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC600P10MS VBSEMI-VSC600P10MS Datasheet
520Kb / 9P
P-Channel 100-V (D-S) MOSFET
More results

Similar Description - VSC6048

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
CCD Camera Timing Generator
CXD2436Q SONY-CXD2436Q Datasheet
2Mb / 34P
Timing Generator for LCD Panels
CXD2443Q SONY-CXD2443Q Datasheet
8Mb / 57P
Timing Generator for LCD Panels
CXD2467Q SONY-CXD2467Q Datasheet
533Kb / 38P
Digital Signal Driver/Timing Generator
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
Timing Generator for LCD Panels
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
logo
Integrated Circuit Syst...
ICS951601 ICST-ICS951601 Datasheet
119Kb / 9P
General Purpose Frequency Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com