Electronic Components Datasheet Search
  English  ▼

X  

UT62L1024SC-35LL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UT62L1024SC-35LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024SC-35LL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UT62L1024SC-35LL Datasheet HTML 1Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024SC-35LL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
3
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to Vss
VTERM
-0.5 to +4.6
V
Operating Temperature
TA
0 to +70
℃
Storage Temperature
TSTG
-65 to +150
℃
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
Tsolder
260
℃
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect
device reliability.
TRUTH TABLE
MODE
1
CE
CE2
OE
WE
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
X
High - Z
ISB,ISB1
Standby
X
L
X
X
High -Z
ISB,ISB1
Output Disable
L
H
H
H
High - Z
ICC , ICC1
Read
L
H
L
H
DOUT
ICC , ICC1
Write
L
H
X
L
DIN
ICC , ICC1
Note: H = VIH, L=VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS (VCC = 2.7V~3.6V, Ta = 0℃ to +70℃)
PARAMETER
SYMBOL TEST CONDITION
MIN. TYP.
MAX. UNIT
Input High Voltage
VIH
2.0
-
VCC+0.5
V
Input Low Voltage
VIL
- 0.5
-
0.6
V
Input Leakage Current
IIL
VSS ≦VIN ≦VCC
- 1
-
1
µA
Output Leakage Current
IOL
VSS ≦VI/O≦VCC
1
CE =VIH or CE2 = VIL or
OE = VIH or WE = VIL
- 1
-
1
µA
Output High Voltage
VOH
IOH = - 1mA
2.2
-
-
V
Output Low Voltage
VOL
IOL= 4mA
-
-
0.4
V
35
-
40
60
mA
55
-
35
50
mA
ICC
Cycle time =Min. 100% Duty,
1
CE =VIL, CE2 = VIH,
II/O = 0mA
70
-
30
40
mA
Average Operating
Power Supply Courrent
ICC1
Cycle time = 1µs, 100% Duty,
.
1
CE ≦0.2V,CE2≧VCC-0.2V,
II/O = 0mA
-
-
5
mA
ISB
1
CE =VIH or CE2 = VIL
-
-
1.0
mA
100
- L
-
2.5
20*
µA
40
Standby Power
Supply Current
ISB1
1
CE ≧VCC-0.2V or
.CE2≦0.2V
-
LL
-
0.5
10*
µA
*Those parameters are for reference only under 50℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com