Electronic Components Datasheet Search
  English  ▼

X  

XRT8000 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT8000
Description  CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000 Datasheet(HTML) 3 Page - Exar Corporation

  XRT8000 Datasheet HTML 1Page - Exar Corporation XRT8000 Datasheet HTML 2Page - Exar Corporation XRT8000 Datasheet HTML 3Page - Exar Corporation XRT8000 Datasheet HTML 4Page - Exar Corporation XRT8000 Datasheet HTML 5Page - Exar Corporation XRT8000 Datasheet HTML 6Page - Exar Corporation XRT8000 Datasheet HTML 7Page - Exar Corporation XRT8000 Datasheet HTML 8Page - Exar Corporation XRT8000 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
;57

5HY 
3,1 &21),*85$7,21
6&/.
&6%
6',
9&&
*1'
&/.
9&&
/2&.'(7
6'2
6<1&
),1
*1'
*1'
&/.
9&&
06%
9&&
*1'
 /HDG 3',3 µ


















 /HDG 62,& -HGHF µ
6&/.
&6%
6',
9&&
*1'
&/.
9&&
/2&.'(7
6'2
6<1&
),1
*1'
*1'
&/.
9&&
06%
9&&
*1'


















3,1 '(6&5,37,21
6\PERO
3LQ
7\SH
'HVFULSWLRQ
6'2

2
6HULDO 'DWD 2XWSXW 0LFURSURFHVVRU 6HULDO ,QWHUIDFH  'DWD RXWSXW IURP WKH FRPPDQG UHJ
LVWHUV
6<1&

2
$Q N+] 6LJQDO 6XE'LYLGHG )URP ),1 7KLV RXWSXW FDQ EH WKUHHVWDWHG YLD &5 6<1& FDQ
EH XVHG WR V\QFKURQL]H RWKHU ;57 ZKLFK DUH FRQILJXUHG LQ VODYH PRGHV
),1

,
5HIHUHQFH )UHTXHQF\ ,QSXW
*1'

'LJLWDO *URXQG
*1'

'LJLWDO *URXQG
&/.

2
&ORFN  2XWSXW RI WKH SKDVHORFNHG ORRS 
9&&

'LJLWDO 3RVLWLYH 3RZHU 6XSSO\
06%

,
0DVWHU6ODYH 0RGH 6HOHFW ,QSXW ,I WKLV LQSXW LV KLJK WKHQ WKH 0$67(5 PRGH LV VHOHFWHG ,I
WKLV LQSXW LV ORZ WKHQ WKH 6/$9( PRGH LV HQDEOHG 7KLV SLQ LV LQWHUQDOO\ SXOOHG XS YLD .:
UHVLVWRU
*1'

$QDORJ *URXQG
9&&

$QDORJ 3RVLWLYH 6XSSO\
/2&.'(7

2
/RFN 'HWHFW 7KLV RXWSXW LV KLJK ZKHQ ERWK SKDVHORFNHG ORRSV DUH LQ ORFN DQG ZLOO JR ORZ LI
HLWKHU RQH RI WKH SKDVH ORFNHG ORRSV ORVHV ORFN
9&&

'LJLWDO 3RVLWLYH 3RZHU 6XSSO\
&/.

2
&ORFN  2XWSXW RI WKH SKDVHORFNHG ORRS 
*1'

'LJLWDO *URXQG
9&&

'LJLWDO 3RVLWLYH 3RZHU 6XSSO\
6',

,
6HULDO 'DWD ,QSXW 0LFURSURFHVVRU 6HULDO ,QWHUIDFH 'DWD LQSXW WR WKH FRPPDQG UHJLVWHUV
&6%

,
&KLS 6HOHFW 1RW 0LFURSURFHVVRU 6HULDO ,QWHUIDFH  :KHQ WKLV LQSXW LV ORZ WKH GDWD LQ DQG
RXW ZLOO EH VKLIWHG LQ WKH DSSURSULDWH UHJLVWHUV ,QWHUQDO SXOO XS . 
6&/.

,
6HULDO &ORFN ,QSXW 0LFURSURFHVVRU 6HULDO ,QWHUIDFH  7KLV FORFN ZLOO VHUYH DV D UHIHUHQFH
WR WKH GDWD VWUHDPV WR 6', DQG 6'2 WKH SRVLWLYH HGJH RI 6&/. LV XVHG WR ODWFK WKH GDWD 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com