Electronic Components Datasheet Search
  English  ▼

X  

YGV619 Datasheet(PDF) 13 Page - LSI Computer Systems

Part # YGV619
Description  Advanced Video Display Processor 6
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YGV619 Datasheet(HTML) 13 Page - LSI Computer Systems

Back Button YGV619 Datasheet HTML 7Page - LSI Computer Systems YGV619 Datasheet HTML 8Page - LSI Computer Systems YGV619 Datasheet HTML 9Page - LSI Computer Systems YGV619 Datasheet HTML 10Page - LSI Computer Systems YGV619 Datasheet HTML 11Page - LSI Computer Systems YGV619 Datasheet HTML 12Page - LSI Computer Systems YGV619 Datasheet HTML 13Page - LSI Computer Systems YGV619 Datasheet HTML 14Page - LSI Computer Systems YGV619 Datasheet HTML 15Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
YGV619
13
OSD of HDTV digital image
OSD of HDTV digital image
OSD of HDTV digital image
OSD of HDTV digital image
AVDP6
CPU
RAM
ROM
MPEG2
decoder
YCbCr 16bit
SDRAM
74MHz
YCbCr 16bit
This is an example of the system configuration that uses AVDP6 as OSD image display device in HDTV.
Since the device is able to input / output YCbCr422 data at the frequency up to 80 MHz, it is possible to
control OSD for video signal of HDTV (1125i). In this case, The frequency of dot clock of OSD image
becomes up to 40 MHz (the resolution equivalent to color difference data).
(As the 74 MHz dot clock, it is necessary to input clock that synchronizes with external video signal.)
OSD of NTSC analog image
OSD of NTSC analog image
OSD of NTSC analog image
OSD of NTSC analog image
AVDP6
CPU
RAM
ROM
HSYNC,VSYNC
SDRAM
14MHz
analog
RGB
analog
switch
YS (AT0)
analog RGB
analog input
analog
RGB
When the external video is analog signal, switching signal for analog switch can be outputted together with
OSD display data. Since the dot clock that synchronizes with sync signal of external video can be regenerated
by using the built-in PLL, the superimposing function can be realized easily also for analog image signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com