Electronic Components Datasheet Search
  English  ▼

X  

SB2D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SB2D
Description  Glass passivated chip junction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB2D Datasheet(HTML) 1 Page - Vishay Siliconix

  SB2D Datasheet HTML 1Page - Vishay Siliconix SB2D Datasheet HTML 2Page - Vishay Siliconix SB2D Datasheet HTML 3Page - Vishay Siliconix SB2D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB2D thru SB2M
www.vishay.com
Vishay General Semiconductor
Revision: 03-Nov-11
1
Document Number: 89461
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Glass Passivated Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for consumer
and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
Note
(1) Mounted on 8 mm x 8 mm pad areas, 1 oz. FR4 PCB
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
200 V to 1000 V
IFSM
55 A
IR
1.0 μA
VF at IF = 2.0 A
0.86 V
TJ max.
150 °C
Package
DO-214AA (SMB)
Diode variations
Single die
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB2D
SB2G
SB2J
SB2K
SB2M
UNIT
Device marking code
B2D
B2G
B2J
B2K
B2M
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum DC forward current (fig. 1)
IF (1)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
55
A
Operating and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - SB2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
94Kb / 4P
Surface-Mount Glass Passivated Rectifier
20-Feb-2020
SB2D VISHAY-SB2D_V01 Datasheet
94Kb / 4P
Surface-Mount Glass Passivated Rectifier
20-Feb-2020
More results

Similar Description - SB2D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
Glass passivated junction chip
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
Glass passivated chip junction
6A05G ETC2-6A05G Datasheet
99Kb / 2P
Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
Glass Passivated chip junction
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
Glass passivated chip junction
logo
Mospec Semiconductor
GBJ25005 MOSPEC-GBJ25005 Datasheet
179Kb / 2P
Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
Glass passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
Glass Passivated Chip Junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
Glass Passivated Chip Junction
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
Glass passivated chip junction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com