Electronic Components Datasheet Search
  English  ▼

X  

11EFS2 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 11EFS2
Description  Low Forward Voltage drop Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

11EFS2 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  11EFS2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 11EFS2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.17g
Rating
Symbol
11EFS2
Unit
Repetitive Peak Reverse Voltage
VRRM
200
V
Non-repetitive Peak Reverse Voltage
VRSM
220
V
0.8 Ta=40
°C Without Fin ∗1
Average Rectified
Output Current
IO
1
Ta=32
°C P.C.B.Mounted∗2
50Hz Half Sine
WaveResistive Load
A
RMS Forward Current
IF(RMS)
1.57
A
Surge Forward Current
IFSM
30
50Hz Half Sine Wave,1cycle,Non-repetitive
A
Operating JunctionTemperature
Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min Typ
Max
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1 A
-
-
0.98
V
Reverse Recovery
Time
trr
IFM= 1 A, -di/dt= 50 A/
µs, Ta= 25°C
-
-
30
ns
Without Fin,PCB
∗1
140
Thermal Resistance
Rth(j-a) Junction to Ambient
P.C.Board Mounted
∗2
-
-
110
°C/W
∗1 Without Fin or P.C.Board
∗2 P.C. Board Mounted(L=3mm, Print Lands = 5x5 mm,Both Sides)
FRD
Type
Type
Type
Type :
11111111E
E
E
EF
F
F
FS
S
S
S2222
FEATURES
* Miniature Size
* Ultra-Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 200 Volts through 400 Volts Types Available
* 26mm and 52mm Inside Tape Spacing


Similar Part No. - 11EFS2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
11EFS2 KSS-11EFS2 Datasheet
1Mb / 6P
Fast Recovery Diode
logo
National Instruments Co...
11EFS2 NI-11EFS2_15 Datasheet
89Kb / 1P
FRED
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
FRED
More results

Similar Description - 11EFS2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
Low Forward Voltage drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
Low Forward Voltage Drop Diode
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
Low Forward Voltage drop Diode
11DQ03L NIEC-11DQ03L Datasheet
37Kb / 6P
Low Forward Voltage drop Diode
11EQ06 NIEC-11EQ06 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com